データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD624ADZ データシート(PDF) 1 Page - Analog Devices

部品番号 AD624ADZ
部品情報  Precision Instrumentation Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD624ADZ データシート(HTML) 1 Page - Analog Devices

  AD624ADZ Datasheet HTML 1Page - Analog Devices AD624ADZ Datasheet HTML 2Page - Analog Devices AD624ADZ Datasheet HTML 3Page - Analog Devices AD624ADZ Datasheet HTML 4Page - Analog Devices AD624ADZ Datasheet HTML 5Page - Analog Devices AD624ADZ Datasheet HTML 6Page - Analog Devices AD624ADZ Datasheet HTML 7Page - Analog Devices AD624ADZ Datasheet HTML 8Page - Analog Devices AD624ADZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD624
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Precision
Instrumentation Amplifier
PRODUCT DESCRIPTION
The AD624 is a high precision, low noise, instrumentation
amplifier designed primarily for use with low level transducers,
including load cells, strain gauges and pressure transducers. An
outstanding combination of low noise, high gain accuracy, low
gain temperature coefficient and high linearity make the AD624
ideal for use in high resolution data acquisition systems.
The AD624C has an input offset voltage drift of less than
0.25
µV/°C, output offset voltage drift of less than 10 µV/°C,
CMRR above 80 dB at unity gain (130 dB at G = 500) and a
maximum nonlinearity of 0.001% at G = 1. In addition to these
outstanding dc specifications, the AD624 exhibits superior ac
performance as well. A 25 MHz gain bandwidth product, 5 V/
µs
slew rate and 15
µs settling time permit the use of the AD624 in
high speed data acquisition applications.
The AD624 does not need any external components for pre-
trimmed gains of 1, 100, 200, 500 and 1000. Additional gains
such as 250 and 333 can be programmed within one percent
accuracy with external jumpers. A single external resistor can
also be used to set the 624’s gain to any value in the range of 1
to 10,000.
PRODUCT HIGHLIGHTS
1. The AD624 offers outstanding noise performance. Input
noise is typically less than 4 nV/
√Hz at 1 kHz.
2. The AD624 is a functionally complete instrumentation am-
plifier. Pin programmable gains of 1, 100, 200, 500 and 1000
are provided on the chip. Other gains are achieved through
the use of a single external resistor.
3. The offset voltage, offset voltage drift, gain accuracy and gain
temperature coefficients are guaranteed for all pretrimmed
gains.
4. The AD624 provides totally independent input and output
offset nulling terminals for high precision applications.
This minimizes the effect of offset voltage in gain ranging
applications.
5. A sense terminal is provided to enable the user to minimize
the errors induced through long leads. A reference terminal is
also provided to permit level shifting at the output.
FEATURES
Low Noise: 0.2
V p-p 0.1 Hz to 10 Hz
Low Gain TC: 5 ppm max (G = 1)
Low Nonlinearity: 0.001% max (G = 1 to 200)
High CMRR: 130 dB min (G = 500 to 1000)
Low Input Offset Voltage: 25
V, max
Low Input Offset Voltage Drift: 0.25
V/ C max
Gain Bandwidth Product: 25 MHz
Pin Programmable Gains of 1, 100, 200, 500, 1000
No External Components Required
Internally Compensated
FUNCTIONAL BLOCK DIAGRAM
225.3
124
4445.7
80.2
50
VB
50
20k
10k
10k
10k
AD624
–INPUT
G = 100
G = 200
G = 500
RG1
RG2
+INPUT
SENSE
OUTPUT
REF
20k
10k


同様の部品番号 - AD624ADZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD624AD AD-AD624AD Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
More results

同様の説明 - AD624ADZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com