データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7853TRPBF データシート(PDF) 5 Page - International Rectifier

部品番号 IRF7853TRPBF
部品情報  Primary Side Switch in Bridge Topology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7853TRPBF データシート(HTML) 5 Page - International Rectifier

  IRF7853TRPBF Datasheet HTML 1Page - International Rectifier IRF7853TRPBF Datasheet HTML 2Page - International Rectifier IRF7853TRPBF Datasheet HTML 3Page - International Rectifier IRF7853TRPBF Datasheet HTML 4Page - International Rectifier IRF7853TRPBF Datasheet HTML 5Page - International Rectifier IRF7853TRPBF Datasheet HTML 6Page - International Rectifier IRF7853TRPBF Datasheet HTML 7Page - International Rectifier IRF7853TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRF7853PbF
www.irf.com
5
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = Pdm x Zthja + Ta
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 9. Maximum Drain Current vs.
Ambient Temperature
25
50
75
100
125
150
TC , CaseTemperature (°C)
0
2
4
6
8
10
Ri (°C/W)
τi (sec)
7.016
0.00474
26.95
0.04705
16.04
2.3619
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci
τi/Ri
Ci=
τi/Ri
A


同様の部品番号 - IRF7853TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7853PBF IRF-IRF7853PBF Datasheet
208Kb / 8P
   HEXFET Power MOSFET
IRF7853PBF IRF-IRF7853PBF Datasheet
214Kb / 8P
   Secondary Side Synchronous Rectification Switch for 15Vout
IRF7853PBF IRF-IRF7853PBF_15 Datasheet
214Kb / 8P
   Secondary Side Synchronous Rectification Switch for 15Vout
More results

同様の説明 - IRF7853TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7855TRPBF IRF-IRF7855TRPBF Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
IRF7854TRPBF IRF-IRF7854TRPBF Datasheet
231Kb / 8P
   Primary Side Switch in Bridge or two switch forward topologies using 48V ETSI range inputs
logo
Allegro MicroSystems
STR-W6735 ALLEGRO-STR-W6735 Datasheet
413Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6754 SANKEN-STR-W6754 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6765 SANKEN-STR-W6765 Datasheet
227Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Vincotech
80-M2072PA200SC-K705F40 VINCOTECH-80-M2072PA200SC-K705F40 Datasheet
475Kb / 6P
   Half-Bridge topology
80-M3122PA300SC-K839F42 VINCOTECH-80-M3122PA300SC-K839F42 Datasheet
396Kb / 6P
   Half bridge topology
logo
Sanken electric
STR-W6756 SANKEN-STR-W6756 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Allegro MicroSystems
STR-W6735_V ALLEGRO-STR-W6735_V Datasheet
225Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com