データシートサーチシステム |
|
OP193FSZ-REEL71 データシート(PDF) 5 Page - Analog Devices |
|
OP193FSZ-REEL71 データシート(HTML) 5 Page - Analog Devices |
5 / 20 page OP193/OP293 Rev. C | Page 5 of 20 E Grade F Grade Parameter Symbol Conditions Min Typ Max Min Typ Max Unit NOISE PERFORMANCE Voltage Noise Density en f = 1 kHz 65 65 nV/√Hz Current Noise Density in f = 1 kHz 0.05 0.05 pA/√Hz Voltage Noise en p-p 0.1 Hz to 10 Hz 3 3 μV p-p DYNAMIC PERFORMANCE Slew Rate SR RL = 2 kΩ 12 12 V/ms Gain Bandwidth Product GBP 35 35 kHz 1 Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at 125 °C, with an LTPD of 1.3. 2 Offset voltage drift is the average of the −40°C to +25°C delta and the +25°C to +125°C delta. |
同様の部品番号 - OP193FSZ-REEL71 |
|
同様の説明 - OP193FSZ-REEL71 |