データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD2EE データシート(PDF) 1 Page - Hammond Manufacturing Ltd.

部品番号 BD2EE
部品情報  Energy Limiting (BA-BE Series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMMOND [Hammond Manufacturing Ltd.]
ホームページ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

BD2EE データシート(HTML) 1 Page - Hammond Manufacturing Ltd.

  BD2EE Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
100
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Energy Limiting (BA-BE Series)
CLASS 2
ENERGY LIMITING TRANSFORMERS
Used in chimes, door bells, security systems, decorative
lighting,furnaces,humidifiers,appliances,vending
machines, intercom system type applications.
Rugged, low noise, cool running design, indoor use only.
Strippedwireinput(primary)leads,screwterminal/quickfit
tab terminal output (secondary).
Nipple locknut mount for box installation, complete with
locknut and mounting bracket (as shown below).
Input leads are black, on 240V models 240V lead is red.
All models are 60 Hz.- inherently limited - no fuses or
circuit breakers.
C UL & UL listed #E184371 - EXCEPT for part numbers
BE2F & BE7G.
CSAcertified(#LR3902Class2)energylimiting
transformer. Complies with CSA standard C22.2 #66 part B
BLK
BLK
Primary
(LINE)
Secondary
(LOAD)
120 Volt Primary
Notes: * 105 degree temperature design
Other Primary Voltages
Notes: * 105 degree temperature design
Part No.
A.C.
Input
(Primary)
V (RMS)
A.C. Output
Secondary
(RMS)
Power
Rating
VA
Note
Dimensions
(Inches)
V
A
A
B
C
BA2DA
120
10
0.5
5
*
2.33 2.22 1.98
BC2DA
120
10
1.2
12
*
2.33 2.22 1.98
BC2F
120
16
0.75
12
*
2.33 2.22 1.98
BC2G
120
24
0.5
12
*
2.33 2.22 1.98
BD2E
120
12
1.67
20
*
2.33 2.34 1.98
BD2EE
120
14
1.43
20
*
2.33 2.34 1.98
BD2F
120
16
1.25
20
*
2.33 2.34 1.98
BD2FF
120
18
1.11
20
*
2.33 2.34 1.98
BD2G
120
24
0.833
20
*
2.33 2.34 1.98
BE2F
120
16.5
2.42
40
*
2.33 2.60 1.98
BE2G
120
24
1.67
40
*
2.33 2.60 1.98
Part No.
A.C.
Input
(Primary)
V (RMS)
A.C. Output
Secondary
(RMS)
Power
Rating
VA
Note
Dimensions
(Inches)
V
A
A
B
C
BD5F
240
16
1.25
20
*
2.33 2.34 1.98
BD5G
240
24
0.83
20
*
2.33 2.34 1.98
BE5G
240
24
1.67
40
*
2.33 2.60 1.98
BE5DG 208/240
24
1.67
40
*
2.33 2.60 1.98
BE7G
347
24
1.67
40
-
2.33 2.60 1.98


同様の部品番号 - BD2EE

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
BD2 NJSEMI-BD2 Datasheet
46Kb / 1P
   absolute maximum ratings
logo
TDK Electronics
BD2-1212-5 TDK-BD2-1212-5 Datasheet
39Kb / 1P
   DC-DC Converters
logo
Continental Device Indi...
BD201 CDIL-BD201 Datasheet
54Kb / 2P
   Medium Power Switching and Amplifier Applications
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
Inchange Semiconductor ...
BD201 ISC-BD201 Datasheet
115Kb / 2P
   isc Silicon NPN Power Transistor
More results

同様の説明 - BD2EE

メーカー部品番号データシート部品情報
logo
Hammond Manufacturing L...
BPD2F HAMMOND-BPD2F Datasheet
267Kb / 1P
   Energy Limiting (BP Series)
logo
List of Unclassifed Man...
S84Z-401 ETC2-S84Z-401 Datasheet
502Kb / 2P
   CLASS 2 TRANSFORMERS ??ENERGY LIMITING
logo
MDE Semiconductor, Inc.
V131BA60 MDE-V131BA60_13 Datasheet
723Kb / 2P
   BA/BB 60 Series Block Varistor
logo
M/A-COM Technology Solu...
LA7_SMLA7 MA-COM-LA7_SMLA7 Datasheet
1Mb / 3P
   Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072B BOWEI-HE072B Datasheet
68Kb / 1P
   Limiting Amplifier
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
logo
BOWEI Integrated Circui...
HE073 BOWEI-HE073 Datasheet
104Kb / 1P
   Limiting Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891_17 Datasheet
596Kb / 16P
   Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072 BOWEI-HE072 Datasheet
99Kb / 1P
   Limiting Amplifier
HE073B BOWEI-HE073B Datasheet
112Kb / 1P
   Limiting Amplifier
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com