データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NZT560A データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 NZT560A
部品情報  NPN Low Saturation Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT560A データシート(HTML) 5 Page - Fairchild Semiconductor

  NZT560A Datasheet HTML 1Page - Fairchild Semiconductor NZT560A Datasheet HTML 2Page - Fairchild Semiconductor NZT560A Datasheet HTML 3Page - Fairchild Semiconductor NZT560A Datasheet HTML 4Page - Fairchild Semiconductor NZT560A Datasheet HTML 5Page - Fairchild Semiconductor NZT560A Datasheet HTML 6Page - Fairchild Semiconductor NZT560A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOT-223
(12mm)
6.83
+/-0.10
7.42
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.50
+/-0.10
1.75
+/-0.10
10.25
min
5.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
1.88
+/-0.10
0.292
+/-
0.0130
9.5
+/-0.025
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
12mm
7" Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
5.906
150
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
12mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
7.00
178
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOT-223 Embossed Carrier Tape
Configuration: Figure 3.0
SOT-223 Reel Configuration: Figure 4.0
SOT-223 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. B


同様の部品番号 - NZT560A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NZT560A FAIRCHILD-NZT560A Datasheet
52Kb / 5P
   NPN Low Saturation Transistor
NZT560A FAIRCHILD-NZT560A_09 Datasheet
182Kb / 5P
   NPN Low Saturation Transistor
More results

同様の説明 - NZT560A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NZT902 FAIRCHILD-NZT902 Datasheet
204Kb / 5P
   NPN Low Saturation Transistor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
   NPN Low Saturation Transistor
NZT560A FAIRCHILD-NZT560A_09 Datasheet
182Kb / 5P
   NPN Low Saturation Transistor
FPN560 FAIRCHILD-FPN560 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FSB649 FAIRCHILD-FSB649 Datasheet
30Kb / 3P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB619 ONSEMI-FSB619 Datasheet
251Kb / 7P
   NPN Low-Saturation Transistor
September 2015 Rev. 2.2
FMMT449 ONSEMI-FMMT449 Datasheet
124Kb / 5P
   NPN Low Saturation Transistor
Rev. A
logo
Fairchild Semiconductor
FPN330A FAIRCHILD-FPN330A Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN330 FAIRCHILD-FPN330 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN530 FAIRCHILD-FPN530 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FSB560 FAIRCHILD-FSB560_01 Datasheet
43Kb / 4P
   NPN Low Saturation Transistor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com