データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N3038B-1 データシート(PDF) 1 Page - Microsemi Corporation

部品番号 1N3038B-1
部品情報  1 Watt Glass Case Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3038B-1 データシート(HTML) 1 Page - Microsemi Corporation

  1N3038B-1 Datasheet HTML 1Page - Microsemi Corporation 1N3038B-1 Datasheet HTML 2Page - Microsemi Corporation 1N3038B-1 Datasheet HTML 3Page - Microsemi Corporation 1N3038B-1 Datasheet HTML 4Page - Microsemi Corporation 1N3038B-1 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T4-LDS-0285, Rev. 1 (121794)
©2013 Microsemi Corporation
Page 1 of 5
1N3016B-1 – 1N3045B-1
Available on
commercial
versions
1 Watt Glass Case Zener Diodes
Qualified per MIL-PRF-19500/115
Qualified Levels:
JAN, JANTX, and
JANTXV
DESCRIPTION
This well established Zener diode series for the 1N3016B-1 through 1N3045B-1 JEDEC
registration in the glass DO-41 package provides a glass hermetic seal for 6.8 to 110 volts. It
is also well suited for high-reliability applications where it is available in JAN, JANTX, and
JANTXV military qualifications. Lower voltages are also available in the 1N3821 through
1N3828 series (3.3 V to 7.5 V) in the same package (see separate data sheet).
DO-41 Package
Also available in:
DO-213AB package
(surface mount)
1N3016BUR-1 –
1N3045BUR-1
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
JEDEC registered 1N3016 through 1N3045 numbers.
Zener voltage range: 6.8 volts to 110 volts.
Hermetically sealed DO-41 glass package.
Metallurgically bonded.
Double plug construction.
Voltage tolerances of 5%, 2%, and 1% available.
JAN, JANTX, and JANTXV qualifications also available per MIL-PRF-19500/115.
(See part nomenclature for all available options.)
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range.
Wide selection from 6.8 to 110 volts.
Low reverse (leakage) currents.
Non-sensitive to ESD.
Inherently radiation hard as described in Microsemi “MicroNote 050”.
MAXIMUM RATINGS
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Notes: 1. At L = 0.375 inches (10 mm) from body.
2. At T L < +95
oC 3/8” (10 mm) from body or 1.0 watts at T
L < +65
oC when mounted on FR4 PC board as
described for thermal resistance above (also see Figure 1). (Derate power to 0 at T L = +175 °C).
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-55 to +175
ºC
Thermal Resistance Junction-to-Lead
(1)
RӨJL
80
ºC/W
DC Power Dissipation
(2)
P D
1.0
W
Forward Voltage @ 200 mA
V F
1.2
V
Solder Temperature @ 10 s
TSP
260
oC


同様の部品番号 - 1N3038B-1

メーカー部品番号データシート部品情報
logo
Compensated Deuices Inc...
1N3038B CDI-DIODE-1N3038B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3038B MICROSEMI-1N3038B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N3038B MICROSEMI-1N3038B Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3038B NJSEMI-1N3038B Datasheet
58Kb / 1P
   Ref/Reg Diode, P(D) = 1W
logo
Microsemi Corporation
1N3038BTR MICROSEMI-1N3038BTR Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
More results

同様の説明 - 1N3038B-1

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
198Kb / 3P
   1 WATT METAL CASE ZENER DIODES
logo
America Semiconductor, ...
1N3016B AMERICASEMI-1N3016B Datasheet
712Kb / 2P
   1 Watt Metal Case Zener Diodes
logo
New Jersey Semi-Conduct...
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com