データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD2S82ALP データシート(PDF) 10 Page - Analog Devices

部品番号 AD2S82ALP
部品情報  Variable Resolution, Monolithic Resolver-to-Digital Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD2S82ALP データシート(HTML) 10 Page - Analog Devices

Back Button AD2S82ALP Datasheet HTML 6Page - Analog Devices AD2S82ALP Datasheet HTML 7Page - Analog Devices AD2S82ALP Datasheet HTML 8Page - Analog Devices AD2S82ALP Datasheet HTML 9Page - Analog Devices AD2S82ALP Datasheet HTML 10Page - Analog Devices AD2S82ALP Datasheet HTML 11Page - Analog Devices AD2S82ALP Datasheet HTML 12Page - Analog Devices AD2S82ALP Datasheet HTML 13Page - Analog Devices AD2S82ALP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
–10–
AD2S81A/AD2S82A
BUSY
RIPPLE
CLK
DATA
DIR
DATA
BYTE
SELECT
DATA
ENABLE
INHIBIT
VL
VH
t1
VH
t2
t4
VH
VL
VH
VH
t3
t5
VL
VH
INHIBIT
t6
VH
t7
t8
t9
VL
VL
VL
t10
VZ
VH
VL
t11
VL
VH
VH
VL
t13
t12
PARAMETER
TMIN
TMAX
CONDITION
t1
200
600
BUSY WIDTH VH–VH
t2
10
25
RIPPLE CLOCK VH TO BUSY VH
t3
470
580
RIPPLE CLOCK VL TO NEXT BUSY VH
t4
16
45
BUSY VH TO DATA VH
t5
3
25
BUSY VH TO DATA VL
t6
70
140
INHIBIT VH TO BUSY VH
t7
485
625
MIN DIR VH TO BUSY VH
t8
515
670
MIN DIR VH TO BUSY VH
t9
600
INHIBIT VL TO DATA STABLE
t10
40
110
ENABLE VL TO DATA VH
t11
35
110
ENABLE VL TO DATA VL
t12
60
140
BYTE SELECT VL TO DATA STABLE
t13
60
125
BYTE SELECT VH TO DATA STABLE
Figure 3. Digital Timing
PHASE-
SENSITIVE
DEMODULATOR
AC ERROR
RATIO
MULTIPLIER
A1 sin ( –
) sin
t
sin
sin
t
cos
sin
t
DIGITAL
VCO
C4
C5
R5
R4
R6
VELOCITY
CLOCK
DIRECTION
INTEGRATOR
Figure 4. AD2S81A/AD2S82A Functional Diagram
CIRCUIT FUNCTIONS AND DYNAMIC
PERFORMANCE
The AD2S81A/AD2S82A allows the user greater flexibility in
choosing the dynamic characteristics of the resolver-to-digital
conversion to ensure the optimum system performance. The
characteristics are set by the external components shown in
Figure 1, and the Component Selection section explains how to
select desired maximum tracking rate and bandwidth values.
The following paragraphs explain in greater detail the circuit of
the AD2S81A/AD2S82A and the variations in the dynamic
performance available to the user.
Loop Compensation
The AD2S81A and AD2S82A (connected as shown in Figure
1a and 1b) operates as a type 2 tracking servo loop where the
VCO/counter combination and integrator perform the two inte-
gration functions inherent in a type 2 loop.
Additional compensation in the form of a pole/zero pair is re-
quired to stabilize any type 2 loop to avoid the loop gain charac-
teristic crossing the 0 dB axis with 180
° of additional phase lag,
as shown in Figure 6. This compensation is implemented by the
integrator components (R4, C4, R5, C5).
The overall response of such a system is that of a unity gain
second order low pass filter, with the angle of the resolver as the
input and the digital position data as the output.
The AD2S81A/AD2S82A does not have to be connected as
tracking converter, parts of the circuit can be used indepen-
dently. This is particularly true of the Ratio Multiplier which
can be used as a control transformer (see Application Note).
A block diagram of the AD2S81A/AD2S82A is given in
Figure 4.


同様の部品番号 - AD2S82ALP

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S82ALP AD-AD2S82ALP Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
More results

同様の説明 - AD2S82ALP

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S82A AD-AD2S82A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. A
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com