データシートサーチシステム |
|
AD630JN データシート(PDF) 3 Page - Analog Devices |
|
AD630JN データシート(HTML) 3 Page - Analog Devices |
3 / 13 page REV. E –2– AD630–SPECIFICATIONS (@ 25 C and V S = 15 V, unless otherwise noted.) AD630J/AD630A AD630K/AD630B AD630S Model Min Typ Max Min Typ Max Min Typ Max Unit GAIN Open-Loop Gain 90 110 100 120 90 110 dB ±1, ±2 Closed-Loop Gain Error 0.1 0.05 0.1 % Closed-Loop Gain Match 0.1 0.05 0.1 % Closed-Loop Gain Drift 2 2 2 ppm/ °C CHANNEL INPUTS VIN Operational Limit 1 (–VS + 4 V) to (+VS – 1 V) (–VS + 4 V) to (+VS – 1 V) (–VS + 4 V) to (+VS – 1 V) V Input Offset Voltage 500 100 500 µV Input Offset Voltage TMIN to TMAX 800 160 1000 µV Input Bias Current 100 300 100 300 100 300 nA Input Offset Current 10 50 10 50 10 50 nA Channel Separation @ 10 kHz 100 100 100 dB COMPARATOR VIN Operational Limit 1 (–VS + 3 V) to (+VS – 1.5 V) (–VS + 3 V) to (+VS – 1.5 V) (–VS + 3 V) to (+VS – 1.3 V) V Switching Window ±1.5 ±1.5 ±1.5 mV Switching Window TMIN to TMAX ±2.0 ±2.0 ±2.5 mV Input Bias Current 100 300 100 300 100 300 nA Response Time (–5 mV to +5 mV Step) 200 200 200 ns Channel Status ISINK @ VOL = –VS + 0.4 V 2 1.6 1.6 1.6 mA Pull-Up Voltage (–VS + 33 V) (–VS + 33 V) (–VS + 33 V) V DYNAMIC PERFORMANCE Unity Gain Bandwidth 2 2 2 MHz Slew Rate 3 45 45 45 V/ µs Settling Time to 0.1% (20 V Step) 3 3 3 µs OPERATING CHARACTERISTICS Common-Mode Rejection 85 105 90 110 90 110 dB Power Supply Rejection 90 110 90 110 90 110 dB Supply Voltage Range ±5 ±16.5 ±5 ±16.5 ±5 ±16.5 V Supply Current 4 5 4 5 4 5 mA OUTPUT VOLTAGE, @ RL = 2 k Ω TMIN to TMAX ±10 ±10 ±10 V Output Short-Circuit Current 25 25 25 mA TEMPERATURE RANGES Rated Performance–N Package 0 70 0 70 N/A °C Rated Performance–D Package –25 +85 –25 +85 –55 +125 °C NOTES 1If one terminal of each differential channel or comparator input is kept within these limits the other terminal may be taken to the positive supply. 2I SINK @ VOL = (–VS + 1); V is typically 4 mA. 3Pin 12 Open. Slew rate with Pin 12 and Pin 13 shorted is typically 35 V/ µs. Specifications subject to change without notice. |
同様の部品番号 - AD630JN |
|
同様の説明 - AD630JN |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |