データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1865N-J データシート(PDF) 2 Page - Analog Devices

部品番号 AD1865N-J
部品情報  Complete Dual 18-Bit 16 x FS Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1865N-J データシート(HTML) 2 Page - Analog Devices

  AD1865N-J Datasheet HTML 1Page - Analog Devices AD1865N-J Datasheet HTML 2Page - Analog Devices AD1865N-J Datasheet HTML 3Page - Analog Devices AD1865N-J Datasheet HTML 4Page - Analog Devices AD1865N-J Datasheet HTML 5Page - Analog Devices AD1865N-J Datasheet HTML 6Page - Analog Devices AD1865N-J Datasheet HTML 7Page - Analog Devices AD1865N-J Datasheet HTML 8Page - Analog Devices AD1865N-J Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD1865–SPECIFICATIONS
(TA = +25 C, +VL = +VS = +5 V and –VS = –5 V, FS = 705.6 kHz, no MSB adjustment
or deglitcher)
Parameter
Min
Typ
Max
Unit
RESOLUTION
18
Bits
DIGITAL INPUTS VIH
2.0
+VL
V
VIL
0.8
V
IIH, VIH = +VL
1.0
µA
IIL, VIL = 0.4 V
–10
µA
Clock Input Frequency
13.5
MHz
ACCURACY
Gain Error
0.2
1.0
% of FSR
Interchannel Gain Matching
0.3
0.8
% of FSR
Midscale Error
4
mV
Interchannel Midscale Matching
5
mV
Gain Linearity (0 dB to –90 dB)
<2
dB
DRIFT (0
°C to +70°C)
Gain Drift
±25
ppm of FSR/
°C
Midscale Drift
±4
ppm of FSR/
°C
TOTAL HARMONIC DISTORTION + NOISE*
0 dB, 990.5 Hz
AD1865N, R
0.004
0.006
%
AD1865N-J, R-J
0.003
0.004
%
20 dB, 990.5 Hz
AD1865N, R
0.010
0.040
%
AD1865N-J, R-J
0.010
0.020
%
–60 dB, 990.5 Hz AD1865N, R
1.0
4.0
%
AD1865N-J, R-J
1.0
2.0
%
CHANNEL SEPARATION*
0 dB, 990.5 Hz
110
116
dB
SIGNAL-TO-NOISE RATIO* (20 Hz to 30 kHz)
107
110
dB
D-RANGE* (With A-Weight Filter)
–60 dB, 990.5 Hz AD1865N, R
88
100
dB
AD1865N-J, R-J
94
100
dB
OUTPUT
Voltage Output Configuration
Output Range (
±1%)
2.94
±3.0
3.06
V
Output Impedance
0.1
Load Current
±8mA
Short Circuit Duration
Indefinite to Common
Current Output Configuration
Bipolar Output Range (
±30%)
±1mA
Output Impedance (
±30%)
1.7
k
POWER SUPPLY
+VL and +VS
4.75
5.0
5.25
V
–VS
–5.25
–5.0
–4.75
V
+I, +VL and +VS = +5 V
22
26
mA
–I, –VS = –5 V
–23
–26
mA
POWER DISSIPATION, +VL = +VS = +5 V, –VS = –5 V
225
260
mW
TEMPERATURE RANGE
Specification
0
+25
+70
°C
Operation
–25
+70
°C
Storage
–60
+100
°C
WARMUP TIME
1
min
Specifications shown in boldface are tested on production units at final test without optional MSB adjustment.
*Tested in accordance with EIAJ Test Standard CP-307 with 18-bit data.
Specifications subject to change without notice.


同様の部品番号 - AD1865N-J

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1865N-J AD-AD1865N-J Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
More results

同様の説明 - AD1865N-J

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
   Complete Buffered 16-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12