データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1865R データシート(PDF) 9 Page - Analog Devices

部品番号 AD1865R
部品情報  Complete Dual 18-Bit 16 x FS Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1865R データシート(HTML) 9 Page - Analog Devices

Back Button AD1865R Datasheet HTML 4Page - Analog Devices AD1865R Datasheet HTML 5Page - Analog Devices AD1865R Datasheet HTML 6Page - Analog Devices AD1865R Datasheet HTML 7Page - Analog Devices AD1865R Datasheet HTML 8Page - Analog Devices AD1865R Datasheet HTML 9Page - Analog Devices AD1865R Datasheet HTML 10Page - Analog Devices AD1865R Datasheet HTML 11Page - Analog Devices AD1865R Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD1865
REV. 0
–9–
MULTICHANNEL DIGITAL KEYBOARD DESIGN
Figure 11 illustrates how to cascade AD1865’s to add multiple
voices to an electronic musical instrument. In this example, the
data and clock signals are shared between all six DACs. As the
data representing an output for a specific voice is loaded, the ap-
propriate DAC is updated. For example, after the 18-bits repre-
senting the next output value for Voice 4 is clocked out on the
data line, then “Voice 4 Load” is pulled low. This produces a
new output for Voice 4. Furthermore, all voices can be returned
to the same output by pulling all six load signals low.
In this application, the advantages of choosing the AD1865 are
clear. Its flexible digital interface allows the clock and data to be
shared among all DACs. This reduces PC board area require-
ments and also simplifies the actual layout of the board. The low
power requirements of the AD1865 (approximately 225 mW) is
an advantage in a multiple DAC system where any power advan-
tage is multiplied by the number of DACs used. The AD1865
requires no external components, simplifying the design, reduc-
ing the total number of components required and enhancing
reliability.
AD1865
TRIM
MSB
SJ
AGND
VOUT
IOUT
RF
–VS
+VL
LR
CLK
DR
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
+5V ANALOG
SUPPLY
–5V ANALOG
SUPPLY
VOICE 1
OUTPUT
AD1865
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AD1865
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VOICE 1 LOAD
ANALOG
COMMON
VOICE 3 LOAD
DATA
VOICE 2 LOAD
CLOCK
VOICE 2
OUTPUT
VOICE 3
OUTPUT
VOICE 4
OUTPUT
VOICE 5
OUTPUT
VOICE 6
OUTPUT
VOICE 6 LOAD
VOICE 5 LOAD
VOICE 4 LOAD
DIGITAL COMMON
+5V DIGITAL SUPPLY
+VS
DL
LL
DGND
IOUT
VOUT
TRIM
MSB
AGND
SJ
RF
NC
TRIM
MSB
SJ
AGND
VOUT
IOUT
RF
–VS
+VL
LR
CLK
DR
TRIM
MSB
SJ
AGND
VOUT
IOUT
RF
–VS
+VL
LR
CLK
DR
+VS
DL
LL
DGND
IOUT
VOUT
TRIM
MSB
AGND
SJ
RF
NC
+VS
DL
LL
DGND
IOUT
VOUT
TRIM
MSB
AGND
SJ
RF
NC
Figure 11. Cascaded AD1865s in a Multichannel Keyboard Instrument


同様の部品番号 - AD1865R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1865R AD-AD1865R Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1865R-J AD-AD1865R-J Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
More results

同様の説明 - AD1865R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
   Complete Buffered 16-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com