データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7226KN データシート(PDF) 8 Page - Analog Devices

部品番号 AD7226KN
部品情報  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7226KN データシート(HTML) 8 Page - Analog Devices

Back Button AD7226KN Datasheet HTML 4Page - Analog Devices AD7226KN Datasheet HTML 5Page - Analog Devices AD7226KN Datasheet HTML 6Page - Analog Devices AD7226KN Datasheet HTML 7Page - Analog Devices AD7226KN Datasheet HTML 8Page - Analog Devices AD7226KN Datasheet HTML 9Page - Analog Devices AD7226KN Datasheet HTML 10Page - Analog Devices AD7226KN Datasheet HTML 11Page - Analog Devices AD7226KN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV.
–8–
AD7226
SPECIFICATION RANGES
In order for the DACs to operate to their specifications, the
reference voltage must be at least 4 V below the VDD power
supply voltage. This voltage differential is required for correct
generation of bias voltages for the DAC switches.
The AD7226 is specified to operate over a VDD range from
+12 V
± 5% to +15 V ± 10% (i.e., from +11.4 V to +16.5 V)
with a VSS of –5 V
± 10%. Operation is also specified for a single
+15 V
± 5% VDD supply. Applying a VSS of –5 V results in
improved zero code error, improved output sink capability with
outputs near AGND and improved negative-going settling time.
Performance is specified over a wide range of reference voltages
from 2 V to (VDD – 4 V) with dual supplies. This allows a range
of standard reference generators to be used such as the AD780,
a 2.5 V band gap reference and the AD584, a precision 10 V
reference. Note that in order to achieve an output voltage range
of 0 V to 10 V a nominal 15 V
± 5% power supply voltage is
required by the AD7226.
SETTLING TIME
The output stage of the buffer amplifiers consists of a bipolar
NPN transistor from the VDD line and a constant current load to
VSS. VSS is the negative power supply for the output buffer ampli-
fiers. As mentioned in the op amp section, in single supply
operation the NMOS transistor will come out of saturation as the
output voltage approaches AGND and will act as a resistive load
of approximately 2 k
W to AGND. As a result, the settling time for
negative-going signals approaching AGND in single supply opera-
tion will be longer than for dual supply operation where the
current load of 400
mA is maintained all the way down to AGND.
Positive-going settling-time is not affected by VSS.
The settling-time for the AD7226 is limited by the slew-rate of
the output buffer amplifiers. This can be seen from Figure 6
which shows the dynamic response for the AD7226 for a full
scale change. Figures 7a and 7b show expanded settling-time
photographs with the output waveforms derived from a differen-
tial input to an oscilloscope. Figure 7a shows the settling time
for a positive-going step and Figure 7b shows the settling time
for a negative-going output step.
DATA
VOUT
Figure 6. Dynamic Response (VSS = –5 V)
DATA
O/P
+1/2 LSB
–1/2 LSB
Figure 7a. Positive Step Settling Time (VSS = –5 V)
DATA
O/P
+1/2 LSB
–1/2 LSB
Figure 7b. Negative Step Settling Time (VSS = –5 V)
GROUND MANAGEMENT
AC or transient voltages between AGND and DGND can cause
noise at the analog output. This is especially true in micropro-
cessor systems where digital noise is prevalent. The simplest
method of ensuring that voltages at AGND and DGND are
equal is to tie AGND and DGND together at the AD7226. In
more complex systems where the AGND and DGND intertie is
on the backplane, it is recommended that two diodes be con-
nected in inverse parallel between the AD7226 AGND and
DGND pins (IN914 or equivalent).
Unipolar Output Operation
This is the basic mode of operation for each channel of the
AD7226, with the output voltage having the same positive
polarity as +VREF. The AD7226 can be operated single supply
(VSS = AGND) or with positive/negative supplies (see op amp
section which outlines the advantages of having negative VSS).
The code table for unipolar output operation is shown in Table
II. Note that the voltage at VREF must never be negative with
respect to DGND in order to prevent parasitic transistor turn-on.
Connections for the unipolar output operation are shown in
Figure 8.
D


同様の部品番号 - AD7226KN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7226KN AD-AD7226KN Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7226KN AD-AD7226KN Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226KNZ AD-AD7226KNZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

同様の説明 - AD7226KN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com