データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7392ANZ データシート(PDF) 7 Page - Analog Devices

部品番号 AD7392ANZ
部品情報  3 V, Parallel Input Micropower 10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7392ANZ データシート(HTML) 7 Page - Analog Devices

Back Button AD7392ANZ Datasheet HTML 3Page - Analog Devices AD7392ANZ Datasheet HTML 4Page - Analog Devices AD7392ANZ Datasheet HTML 5Page - Analog Devices AD7392ANZ Datasheet HTML 6Page - Analog Devices AD7392ANZ Datasheet HTML 7Page - Analog Devices AD7392ANZ Datasheet HTML 8Page - Analog Devices AD7392ANZ Datasheet HTML 9Page - Analog Devices AD7392ANZ Datasheet HTML 10Page - Analog Devices AD7392ANZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7392/AD7393
Rev. C | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD7392
TOP VIEW
(Not to Scale)
VDD 1
VREF
20
SHDN 2
VOUT
19
CS 3
AGND
18
RS 4
DGND
17
D0 5
D11
16
D1 6
D10
15
D2 7
D9
14
D3 8
D8
13
D4 9
D7
12
D5 10
D6
11
AD7393
TOP VIEW
(Not to Scale)
NC = NO CONNECT
VDD 1
VREF
20
SHDN 2
VOUT
19
CS 3
AGND
18
RS 4
DGND
17
NC 5
D9
16
NC 6
D8
15
D0 7
D7
14
D1 8
D6
13
D2 9
D5
12
D3 10
D4
11
Figure 3. AD7392 Pin Configuration
Figure 4. AD7393 Pin Configuration
Table 4. AD7392 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply Input. The specified range of operation is 2.7 V to 5.5 V.
2
SHDN
Power Shutdown Active Low Input. DAC register contents are saved as long as power stays on the VDD pin. When
SHDN = 0, CS strobes write new data into the DAC register.
3
CS
Chip Select Latch Enable, Active Low.
4
RS
Asynchronous Active Low Input. Resets the DAC register to 0.
5 to 16
D0 to D11
Parallel Input Data Bits. D11 is the MSB; D0 is the LSB.
17
DGND
Digital Ground.
18
AGND
Analog Ground.
19
VOUT
DAC Voltage Output.
20
VREF
DAC Reference Input. Establishes the DAC full-scale voltage.
Table 5. AD7393 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply Input. The specified range of operation is 2.7 V to 5.5 V.
2
SHDN
Power Shutdown Active Low Input. DAC register contents are saved as long as power stays on the VDD pin.
When SHDN = 0, CS strobes write new data into the DAC register.
3
CS
Chip Select Latch Enable, Active Low.
4
RS
Asynchronous Active Low Input. Resets the DAC register to 0.
5, 6
NC
No Connect.
7 to 16
D0 to D9
Parallel Input Data Bits. D9 is the MSB; D0 is the LSB.
17
DGND
Digital Ground.
18
AGND
Analog Ground.
19
VOUT
DAC Voltage Output.
20
VREF
DAC Reference Input. Establishes the DAC full-scale voltage.


同様の部品番号 - AD7392ANZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7392AN AD-AD7392AN Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
More results

同様の説明 - AD7392ANZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396 Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com