データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT2222A データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 PZT2222A
部品情報  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZT2222A データシート(HTML) 1 Page - Fairchild Semiconductor

  PZT2222A Datasheet HTML 1Page - Fairchild Semiconductor PZT2222A Datasheet HTML 2Page - Fairchild Semiconductor PZT2222A Datasheet HTML 3Page - Fairchild Semiconductor PZT2222A Datasheet HTML 4Page - Fairchild Semiconductor PZT2222A Datasheet HTML 5Page - Fairchild Semiconductor PZT2222A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NPN General Purpose Amplifier
This device is for use as a medium power amplifier and switch
requiring collector currents up to 500 mA. Sourced from Pro-
cess 19.
PN2222A
C
B
E
TO-92
PZT2222A
B
C
C
SOT-223
E
MMBT2222A
C
B
E
SOT-23
Mark: 1P
NMT2222
MMPQ2222
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
75
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
1.0
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
SOT-6
Mark: .1B
C1
E1
C2
B1
E2
B2
1997 Fairchild Semiconductor Corporation
SOIC-16
C1
C1
C2
C2
C3
C3
C4
C4
E1
B1
E2
B2
E3
B3
E4
B4
pin #1


同様の部品番号 - PZT2222A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
GUANGDONG HOTTECH INDUS...
PZT2222A HOTTECH-PZT2222A Datasheet
379Kb / 2P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
PZT2222A SIEMENS-PZT2222A Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
ON Semiconductor
PZT2222A ONSEMI-PZT2222A Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
211Kb / 8P
   NPN General Purpose Amplifier
More results

同様の説明 - PZT2222A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com