データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7687 データシート(PDF) 4 Page - Analog Devices

部品番号 AD7687
部品情報  16-Bit, 250 kSPS PulSAR ADC in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7687 データシート(HTML) 4 Page - Analog Devices

  AD7687 Datasheet HTML 1Page - Analog Devices AD7687 Datasheet HTML 2Page - Analog Devices AD7687 Datasheet HTML 3Page - Analog Devices AD7687 Datasheet HTML 4Page - Analog Devices AD7687 Datasheet HTML 5Page - Analog Devices AD7687 Datasheet HTML 6Page - Analog Devices AD7687 Datasheet HTML 7Page - Analog Devices AD7687 Datasheet HTML 8Page - Analog Devices AD7687 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7694
Rev. A | Page 4 of 16
VDD = 2.7 V to 5.25 V; VREF = VDD; TA = –40°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
REFERENCE
Voltage Range
1
VDD
V
Load Current
250 kSPS, VIN+ − VIN− = VREF/2 = 2.5 V
50
μA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
9
MHz
DIGITAL INPUTS
Logic Levels
VIL
VDD = 4.75 V
0.8
V
VDD = 2.7 V
0.45
V
VIH
VDD = 5.25 V
3.15
V
VDD = 3.3 V
1.9
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format
Serial, 16 bits straight binary
Pipeline Delay
Conversion results available immediately
after completed conversion
VOL
ISINK = +500 μA
0.4
V
VOH
ISOURCE = −500 μA
VDD − 0.3
V
POWER SUPPLIES
VDD
Specified performance
2.7
5.25
V
Operating Current
VDD
VDD = 5 V, 100 kSPS throughput
0.8
1.2
mA
VDD = 2.7 V, 100 kSPS throughput
540
960
μA
Standby Current1, 2
VDD = 5 V, 25
°C
1
50
nA
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1 With all digital inputs forced to VDD or GND, as required.
2 During acquisition phase.


同様の部品番号 - AD7687

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7687 AD-AD7687 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7687 AD-AD7687 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7687 AD-AD7687 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7687 AD-AD7687 Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
AD7687 AD-AD7687 Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
More results

同様の説明 - AD7687

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com