データシートサーチシステム |
|
AD7711AR-REEL データシート(PDF) 10 Page - Analog Devices |
|
AD7711AR-REEL データシート(HTML) 10 Page - Analog Devices |
10 / 28 page REV. G –10– AD7711 PGA Gain G2 Gl G0 Gain 000 1(Default Condition after the Internal Power-On Reset) 001 2 010 4 011 8 100 16 101 32 110 64 111 128 CHANNEL SELECTION CH Channel 0 AIN1 (Default Condition after Internal Power-On Reset) 1 AIN2 Power-Down PD 0Normal Operation (Default Condition after Internal Power-On Reset) 1 Power-Down Word Length WL Output Word Length 0 16-bit (Default Condition after Internal Power-On Reset) 1 24-bit RTD Excitation Current IO 0Off (Default Condition after Internal Power-On Reset) 1On Burnout Current BO 0Off (Default Condition after Internal Power-On Reset) 1On Bipolar/Unipolar Selection (Both Inputs) B/U 0 Bipolar (Default Condition after Internal Power-On Reset) 1 Unipolar FILTER SELECTION (FS11–FS0) The on-chip digital filter provides a sinc 3(or (sinx/x)3) filter response. The 12 bits of data programmed into these bits deter- mine the filter cutoff frequency, the position of the first notch of the filter and the data rate for the part. In association with the gain selection, it also determines the output noise (and therefore the effective resolution) of the device. The first notch of the filter occurs at a frequency determined by the relationship: filter first notch frequency = (fCLK IN/512)/code where code is the decimal equivalent of the code in bits FS0 to FS11 and is in the range 19 to 2,000. With the nominal fCLK IN of 10 MHz, this results in a first notch frequency range from 9.76 Hz to 1.028 kHz. To ensure correct operation of the AD7711, the value of the code loaded to these bits must be within this range. Failure to do this will result in unspecified operation of the device. Changing the filter notch frequency, as well as the selected gain, impacts resolution. Tables I and II and Figure 2 show the effect of the filter notch frequency and gain on the effective resolution of the AD7711. The output data rate (or effective conversion time) for the device is equal to the frequency selected for the first notch of the filter. For example, if the first notch of the filter is selected at 50 Hz, a new word is available at a 50 Hz rate or every 20 ms. If the first notch is at 1 kHz, a new word is avail- able every 1 ms. The settling time of the filter to a full-scale step input change is worst case 4 ¥ 1/(output data rate). This settling time is to 100% of the final value. For example, with the first filter notch at 50 Hz, the settling time of the filter to a full-scale step input change is 80 ms max. If the first notch is at 1 kHz, the settling time of the filter to a full-scale input step is 4 ms max. This settling time can be reduced to 3 ¥ 1/(output data rate) by syn- chronizing the step input change to a reset of the digital filter. In other words, if the step input takes place with SYNC low, the settling time is 3 ¥ 1/(output data rate). If a change of channels takes place, the settling time is 3 ¥ 1/(output data rate) regard- less of the SYNC input. The –3 dB frequency is determined by the programmed first notch frequency according to the relationship: filter –3 dB frequency = 0.262 ¥ first notch frequency. |
同様の部品番号 - AD7711AR-REEL |
|
同様の説明 - AD7711AR-REEL |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |