データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7824CQ データシート(PDF) 10 Page - Analog Devices

部品番号 AD7824CQ
部品情報  LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7824CQ データシート(HTML) 10 Page - Analog Devices

Back Button AD7824CQ Datasheet HTML 6Page - Analog Devices AD7824CQ Datasheet HTML 7Page - Analog Devices AD7824CQ Datasheet HTML 8Page - Analog Devices AD7824CQ Datasheet HTML 9Page - Analog Devices AD7824CQ Datasheet HTML 10Page - Analog Devices AD7824CQ Datasheet HTML 11Page - Analog Devices AD7824CQ Datasheet HTML 12Page - Analog Devices AD7824CQ Datasheet HTML 13Page - Analog Devices AD7824CQ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7824/AD7828
–10–
REV. F
MICROPROCESSOR INTERFACING
The AD7824/AD7828 is designed to interface to microprocessors
as Read Only Memory (ROM). Analog channel selection, con-
version start, and data read operations are controlled by
CS, RD,
and the channel address inputs. These signals are common to
all memory peripheral devices.
Z80 MICROPROCESSOR
Figure 16 shows a typical AD7824/AD7828–Z80 interface. The
AD7824/AD7828 is operating in Mode 0. Assume the ADC is
assigned a memory block starting at address C000. The follow-
ing LOAD instruction to any of the addresses listed in Table II
will start a conversion of the selected channel and read the
conversion result.
LD B, (C000)
At the beginning of the instruction cycle when the ADC
address is selected, RDY asserts the WAIT input so that the
Z80 is forced into a WAIT state. At the end of conversion,
RDY returns high and the conversion result is placed in the B
register of the microprocessor.
DATA BUS
ADDRESS BUS
ADDRESS
DECODE
EN
5V
5k
A0
A1
A2
Z80
AD7824*
AD7828*
A15
A0
MREQ
WAIT
RD
D7
D0
CS
RDY
RD
DB7
DB0
A0
A1
A2**
LINEAR CIRCUITRY OMITTED FOR CLARITY.
FOR THE AD7828 ONLY
**
*
Figure 16. AD7824/AD7828–Z80 lnterface
Table II. Address Channel Selection
AD7824
AD7828
Address
Channel
Channel
C000
1
1
C001
2
2
C002
3
3
C003
4
4
C004
5
C005
6
C006
7
C007
8
MC68000 MICROPROCESSOR
Figure 17 shows an MC68000 interface. The AD7824/AD7828
is operating in Mode 0. Assume the ADC is again assigned a
memory block starting at address C000. A MOVE instruction
to any of the addresses in Table II starts a conversion and reads
the conversion result.
MOVE
× B $C000, D0
Once conversion has begun, the MC68000 inserts WAIT states
until INT goes low, asserting DTACK at the end of conversion.
The microprocessor then places the conversion results into the
D0 register.
DATA BUS
ADDRESS BUS
ADDRESS
DECODE
EN
5V
5k
A0
A1
A2
AD7824*
AD7828*
A23
A1
D7
D0
CS
RDY
RD
DB7
DB0
A0
A1
A2**
CLR
D
CK
Q
7474
DTACK
R/
W
AS
MC68000
LINEAR CIRCUITRY OMITTED FOR CLARITY.
FOR THE AD7828 ONLY
**
*
Figure 17. AD7824/AD7828–MC68000 Interface
TMS32010 MICROCOMPUTER
A TMS32010 interface is shown in Figure 18. The AD7824/
AD7828 is operating in Mode 1 (i.e., no
µP WAIT states). The
ADC is mapped at a port address. The following I/O instruction
starts a conversion and reads the previous conversion result into
the accumulator.
IN, A PA (PA = PORT ADDRESS)
The port address (000 to 111) selects the analog channel to be
converted. When conversion is complete, a second I/O instruc-
tion (IN, A PA) reads the up-to-date data into the accumulator
and starts another conversion. A delay of 2.5
µs must be allowed
between conversions.
DATA BUS
A2**
AD7824*
AD7828*
A1
A0
CS
RD
DB7
DB0
PA2
PA1
PA0
MEN
DEN
D7
D0
TMS32010
LINEAR CIRCUITRY OMITTED FOR CLARITY.
FOR THE AD7828 ONLY
**
*
Figure 18. AD7824/AD7828–TMS32010 Interface


同様の部品番号 - AD7824CQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7824CQ AD-AD7824CQ Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7824CQ AD-AD7824CQ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824CQ AD-AD7824CQ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results

同様の説明 - AD7824CQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
AD7824 AD-AD7824_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828 AD-AD7828_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KRZ AD-AD7824KRZ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com