データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8219BRMZ データシート(PDF) 10 Page - Analog Devices

部品番号 AD8219BRMZ
部品情報  Zero Drift, Unidirectional Current Shunt Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8219BRMZ データシート(HTML) 10 Page - Analog Devices

Back Button AD8219BRMZ Datasheet HTML 4Page - Analog Devices AD8219BRMZ Datasheet HTML 5Page - Analog Devices AD8219BRMZ Datasheet HTML 6Page - Analog Devices AD8219BRMZ Datasheet HTML 7Page - Analog Devices AD8219BRMZ Datasheet HTML 8Page - Analog Devices AD8219BRMZ Datasheet HTML 9Page - Analog Devices AD8219BRMZ Datasheet HTML 10Page - Analog Devices AD8219BRMZ Datasheet HTML 11Page - Analog Devices AD8219BRMZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8219
Rev. A | Page 10 of 12
THEORY OF OPERATION
AMPLIFIER CORE
In typical applications, the AD8219 amplifies a small differential
input voltage generated by the load current flowing through
a shunt resistor. The AD8219 rejects high common-mode vol-
tages (up to 80 V) and provides a ground referenced, buffered
output that interfaces with an analog-to-digital converter (ADC).
Figure 26 shows a simplified schematic of the AD8219.
LDO
R2
R1
AD8219
R4
R3
+IN
VS
–IN
OUT
GND
LOAD
V2
ILOAD
V1
SHUNT
4V
TO
80V
GND
4V TO 80V
Figure 26. Simplified Schematic
The AD8219 is configured as a difference amplifier. The
transfer function is
OUT = (R4/R1) × (V1 − V2)
Resistors R4 and R1 are matched to within 0.01% and have
values of 1.5 MΩ and 25 kΩ, respectively, meaning an input
to output total gain of 60 V/V for the AD8219, while the
difference at V1 and V2 is the voltage across the shunt resistor
or VIN. Therefore, the input-to-output transfer function for the
AD8219 is
OUT = (60) × (VIN)
The AD8219 accurately amplifies the input differential signal,
rejecting high voltage common modes ranging from 4 V to 80 V.
The main amplifier uses a novel zero drift architecture, providing
the end user with breakthrough temperature stability. The offset
drift is typically less than ±100 nV/°C. This performance leads
to optimal accuracy and dynamic range.
SUPPLY CONNECTIONS
The AD8219 includes an internal LDO, which allows the user
to connect the VS pin to the inputs, or use a separate supply at
Pin 2 (VS) to power the device. The input range of the supply
pin is equivalent to the input common-mode range of 4 V to
80 V. The user must ensure that VS is always connected to the
+IN pin or a separate low impedance supply, which can range
from 4 V to 80 V. The VS pin should not be floating.
OUTPUT CLAMPING
When the input common-mode voltage in the application is
above 5.6 V, the internal LDO output of the AD8219 also
reaches its maximum value of 5.6 V, which is the maximum
output range of the AD8219. Because in typical applications
the output interfaces with a converter, clamping the AD8219
output voltage to 5.6 V ensures the ADC input is not damaged
due to excessive overvoltage.
OUTPUT LINEARITY
In all current sensing applications where the common-mode
voltage can vary significantly, it is important that the current
sensor maintain the specified output linearity, regardless of
the input differential or common-mode voltage. The AD8219
maintains a very high input-to-output linearity even when the
differential input voltage is very small.
0.7
0
0.1
0.2
0.3
0.4
0.5
0.6
01
9
8
7
6
5
4
3
2
1
DIFFERENTIAL INPUT VOLTAGE (mV)
0
Figure 27. Typical Gain Linearity at Small Differential Inputs
(VCM = 4 V to 80 V)
Regardless of the common mode, the AD8219 provides a
correct output voltage when the input differential is at least
1 mV. The ability of the AD8219 to work with very small
differential inputs, regardless of the common-mode voltage,
allows for optimal dynamic range, accuracy, and flexibility in
any current sensing application.


同様の部品番号 - AD8219BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
More results

同様の説明 - AD8219BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA216 TI-INA216 Datasheet
438Kb / 18P
[Old version datasheet]   Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
INA216 TI-INA216_10 Datasheet
443Kb / 19P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com