データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB127H データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FSB127H
部品情報  mWSaver Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB127H データシート(HTML) 5 Page - Fairchild Semiconductor

  FSB127H Datasheet HTML 1Page - Fairchild Semiconductor FSB127H Datasheet HTML 2Page - Fairchild Semiconductor FSB127H Datasheet HTML 3Page - Fairchild Semiconductor FSB127H Datasheet HTML 4Page - Fairchild Semiconductor FSB127H Datasheet HTML 5Page - Fairchild Semiconductor FSB127H Datasheet HTML 6Page - Fairchild Semiconductor FSB127H Datasheet HTML 7Page - Fairchild Semiconductor FSB127H Datasheet HTML 8Page - Fairchild Semiconductor FSB127H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDRAIN
Drain Pin Voltage
(5,6)
700
V
IDM
Drain Current Pulsed
(7)
FSB117H
4.0
A
FSB127H
8.0
FSB147H
(9)
9.6
EAS
Single Pulsed Avalanche Energy
(8)
FSB117H
50
mJ
FSB127H
140
FSB147H
120
VDD
DC Supply Voltage
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VIPK
IPK Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
700
V
PD
Power Dissipation (TA<50°C)
1.5
W
TJ
Operating Junction Temperature
-40
Internally
Limited
(10)
C
TSTG
Storage Temperature Range
-55
+150
C
TL
Lead Soldering Temperature (Wave Soldering or IR, 10 Seconds)
+260
C
ESD
Electrostatic Discharge Capability,
All Pins Except HV Pin
Human Body Model:
JESD22-A114
5.50
kV
Charged Device Model:
JESD22-C101
2.00
Electrostatic Discharge Capability,
All Pins Including HV Pin
Human Body Model:
JESD22-A114
3.00
Charged Device Model:
JESD22-C101
1.25
Notes:
5.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
6.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
7.
Non-repetitive rating: pulse width is limited by maximum junction temperature.
8.
L=51 mH, starting TJ=25°C.
9.
L=14 mH, starting TJ=25°C.
10. Internally limited by Over-Temperature Protection (OTP). Refer to TOTP.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
RHV
Resistor Connect to HV Pin for Full Range Input Detection
150
250
kΩ
Thermal Resistance Table
Symbol
Parameter
Typ.
Unit
θJA
Junction-to-Air Thermal Resistance
86
C/W
ψJT
Junction-to-Package Thermal Resistance
(11)
20
C/W
Note:
11. Measured on the package top surface.


同様の部品番号 - FSB127H

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB127H FAIRCHILD-FSB127H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB127H FAIRCHILD-FSB127H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
More results

同様の説明 - FSB127H

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
KA5L0565RYDTU FAIRCHILD-KA5L0565RYDTU Datasheet
250Kb / 10P
   Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com