データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB147H データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FSB147H
部品情報  mWSaver Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB147H データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FSB147H Datasheet HTML 3Page - Fairchild Semiconductor FSB147H Datasheet HTML 4Page - Fairchild Semiconductor FSB147H Datasheet HTML 5Page - Fairchild Semiconductor FSB147H Datasheet HTML 6Page - Fairchild Semiconductor FSB147H Datasheet HTML 7Page - Fairchild Semiconductor FSB147H Datasheet HTML 8Page - Fairchild Semiconductor FSB147H Datasheet HTML 9Page - Fairchild Semiconductor FSB147H Datasheet HTML 10Page - Fairchild Semiconductor FSB147H Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
7
Electrical Characteristics (Continued)
VDD=15 V, TA=25C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Control Section
VDD Section
VDD-ON
UVLO Start Threshold Voltage
11
12
13
V
VDD-OFF1
UVLO Stop Threshold Voltage
5
6
7
V
VDD-OFF2
IDD-OLP Enable Threshold Voltage
8
9
10
V
VDD-OLP
VDD Voltage Threshold for HV Startup Turn-
On at Protection Mode
5
6
7
V
IDD-ST
Startup Supply Current
VDD-ON – 0.16 V
30
µA
IDD-OP1
Operating Supply Current with Normal
Switching Operation
VDD=15 V, VFB=3 V
3.8
mA
IDD-OP2
Operating Supply Current without Switching
Operation
VDD=15 V, VFB=1 V
1.8
mA
IDD-OLP
Internal Sinking Current
VDD-OLP + 0.1 V
30
60
90
µA
VDD-OVP
VDD Over-Voltage Protection
27
28
29
V
tD-VDDOVP
VDD Over-Voltage Protection Debounce
Time
70
140
210
µs
HV Section
IHV
Supply Current Drawn from HV Pin
HV=120 VDC,
VDD=0 V with 10 µF
1.5
5.0
mA
IHV-LC
Leakage Current after Startup
HV=700 V,
VDD=VDD-OFF1+1 V
10
µA
VAC-ON
Brown-in Threshold Level (VDC)
DC Voltage Applied
to HV Pin through
200 kΩ Resistor
105
110
115
V
VAC-OFF
Brownout Threshold Level (VDC)
VAC-ON-10
V
tUVP
Brownout Protection Time
0.8
1.2
1.6
s
Oscillator Section
fOSC
Frequency in Nominal Mode
Center Frequency
94
100
106
kHz
Hopping Range
±4.0
±6.0
±8.0
tHOP
Hopping Period
(12)
20
ms
fOSC-G
Green-Mode Frequency
20
23
26
kHz
fDV
Frequency Variation vs. VDD Deviation
VDD=11 V to 22 V
5
%
fDT
Frequency Variation vs. Temperature
Deviation
(12)
TA=-40 to 105°C
5
%
Continued on the following page…


同様の部品番号 - FSB147H

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
logo
List of Unclassifed Man...
FSB147HNY ETC2-FSB147HNY Datasheet
875Kb / 18P
   Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
More results

同様の説明 - FSB147H

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
KA5L0565RYDTU FAIRCHILD-KA5L0565RYDTU Datasheet
250Kb / 10P
   Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com