データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C554FNR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C554FNR
部品情報  ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL16C554FNR データシート(HTML) 6 Page - Texas Instruments

Back Button TL16C554FNR Datasheet HTML 2Page - Texas Instruments TL16C554FNR Datasheet HTML 3Page - Texas Instruments TL16C554FNR Datasheet HTML 4Page - Texas Instruments TL16C554FNR Datasheet HTML 5Page - Texas Instruments TL16C554FNR Datasheet HTML 6Page - Texas Instruments TL16C554FNR Datasheet HTML 7Page - Texas Instruments TL16C554FNR Datasheet HTML 8Page - Texas Instruments TL16C554FNR Datasheet HTML 9Page - Texas Instruments TL16C554FNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TL16C554, TL16C554I
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS165G − JANUARY 1994 − REVISED MARCH 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Clock high-level input voltage at XTAL1, VIH(CLK)
2
VCC
V
Clock low-level input voltage at XTAL1, VIL(CLK)
− 0.5
0.8
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
− 0.5
0.8
V
Clock frequency, fclock
16
MHz
Operating free-air temperature, TA
TL16C554
0
70
°C
Operating free-air temperature, TA
TL16C554I
−40
85
°C
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH‡
High-level output voltage
IOH = − 1 mA
2.4
V
VOL‡
Low-level output voltage
IOL = 1.6 mA
0.4
V
IIkg
Input leakage current
VCC = 5.25 V,
GND = 0,
VI = 0 to 5.25 V,
All other terminals floating
±10
µA
IOZ
High-impedance output
current
VCC = 5.25 V,
GND = 0,
VO = 0 to 5.25 V,
Chip selected in write mode or chip deselected
±20
µA
ICC
Supply current
VCC = 5.25 V,
TA = 25°C,
RX, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V, XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kilobits per second
50
mA
Ci(XTAL1)
Clock input capacitance
V
= 0,
V
= 0,
15
20
pF
Co(XTAL2) Clock output capacitance
VCC = 0,
VSS = 0,
All other terminals grounded,
f = 1 MHz,
20
30
pF
Ci
Input capacitance
CC
SS
All other terminals grounded,
f = 1 MHz,
TA = 25°C
6
10
pF
Co
Output capacitance
TA = 25°C
10
20
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ These parameters apply for all outputs except XTAL2.
clock timing requirements over recommended ranges of operating free-air temperature and supply
voltage (see Figure 1)
MIN
MAX
UNIT
tw1
Pulse duration, clock high (external clock)
31
ns
tw2
Pulse duration, clock low (external clock)
31
ns
tw3
Pulse duration, RESET
1000
ns


同様の部品番号 - TL16C554FNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C554FN TI-TL16C554FN Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results

同様の説明 - TL16C554FNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com