データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PN5134 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 PN5134
部品情報  PNP General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN5134 データシート(HTML) 1 Page - Fairchild Semiconductor

  PN5134 Datasheet HTML 1Page - Fairchild Semiconductor PN5134 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Discrete POWER & Signal
Technologies
PNP General Purpose Amplifier
PN5134
This device is designed for use as general purpose amplifiers
and switches requiring collector currents to 300 mA. Sourced
from Process 68. See PN200 for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
10
V
VCBO
Collector-Base Voltage
20
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Collector Current - Continuous
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
PN5134
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W
C
B
E
TO-92
© 1997 Fairchild Semiconductor Corporation


Html Pages

1  2 


データシート ダウンロード

Go To PDF Page

関連電子部品番号

部品番号部品情報Html Viewメーカー
MMBT4403 PNP General Purpose Amplifier 1  2  3  Micro Commercial Components
FMBM5401 PNP General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
FMBS5401 PNP General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
2N5366 PNP General Purpose Amplifier 1  2  3  4  Fairchild Semiconductor
PN200 PNP General Purpose Amplifier 1  2  3  4  Fairchild Semiconductor
PN4249 PNP General Purpose Amplifier 1  2  Fairchild Semiconductor
MSB1218ART1 PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1  2  3  4  5  More Motorola, Inc
NTE296 Silicon PNP Transistor General Purpose Amplifier 1  2  NTE Electronics
HN2A01FU PNP EPITAXIAL TYPE AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS 1  2  Toshiba Semiconductor
NZT6727 PNP General Purpose Amplifier 1  2  3  Fairchild Semiconductor

リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn