データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC2543IDBR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLC2543IDBR
部品情報  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLC2543IDBR データシート(HTML) 8 Page - Texas Instruments

Back Button TLC2543IDBR Datasheet HTML 4Page - Texas Instruments TLC2543IDBR Datasheet HTML 5Page - Texas Instruments TLC2543IDBR Datasheet HTML 6Page - Texas Instruments TLC2543IDBR Datasheet HTML 7Page - Texas Instruments TLC2543IDBR Datasheet HTML 8Page - Texas Instruments TLC2543IDBR Datasheet HTML 9Page - Texas Instruments TLC2543IDBR Datasheet HTML 10Page - Texas Instruments TLC2543IDBR Datasheet HTML 11Page - Texas Instruments TLC2543IDBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Last
Clock
CS
0.8 V
2 V
0.8 V
tsu(CS)
0.8 V
I/O CLOCK
th(CS)
NOTE A: To ensure full conversion accuracy, it is recommended that no input signal change
occurs while a conversion is ongoing.
Figure 5. CS and I/O CLOCK Voltage Waveforms
0.4 V
2.4 V
0.4 V
2.4 V
2 V
0.8 V
I/O CLOCK
DATA OUT
tt(I/O)
0.8 V
2 V
tr(bus), tf(bus)
td(I/O-DATA)
tv
tt(I/O)
0.8 V
I/O CLOCK Period
Figure 6. I/O CLOCK and DATA OUT Voltage Waveforms
Last
Clock
0.8 V
2.4 V
0.4 V
tf(EOC)
td(I/O-EOC)
I/O CLOCK
EOC
Figure 7. I/O CLOCK and EOC Voltage Waveforms
0.4 V
2.4 V
EOC
td(EOC-DATA)
Valid MSB
DATA OUT
0.4 V
2.4 V
tr(EOC)
Figure 8. EOC and DATA OUT Voltage Waveforms


同様の部品番号 - TLC2543IDBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2543IDBR TI1-TLC2543IDBR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRG4 TI1-TLC2543IDBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRG4Q1 TI1-TLC2543IDBRG4Q1 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRQ1 TI-TLC2543IDBRQ1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRQ1 TI1-TLC2543IDBRQ1 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

同様の説明 - TLC2543IDBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDWR TI-TLC2543IDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CFNRG3 TI-TLC2543CFNRG3 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI-TLC2543-Q1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI1-TLC2543C_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com