データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1451CNSR データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL1451CNSR
部品情報  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL1451CNSR データシート(HTML) 10 Page - Texas Instruments

Back Button TL1451CNSR Datasheet HTML 6Page - Texas Instruments TL1451CNSR Datasheet HTML 7Page - Texas Instruments TL1451CNSR Datasheet HTML 8Page - Texas Instruments TL1451CNSR Datasheet HTML 9Page - Texas Instruments TL1451CNSR Datasheet HTML 10Page - Texas Instruments TL1451CNSR Datasheet HTML 11Page - Texas Instruments TL1451CNSR Datasheet HTML 12Page - Texas Instruments TL1451CNSR Datasheet HTML 13Page - Texas Instruments TL1451CNSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
10
www.ti.com
TYPICAL CHARACTERISTICS
100 k
10 k
1 k
1 M
1 k
4 k
10 k
40 k
100 k
400 k
1 M
TRIANGLE OSCILLATOR FREQUENCY
vs
TIMING RESISTANCE
CT = 150 pF
CT = 1500 pF
CT = 15000 pF
VCC = 5 V
TA = 25°C
RT – Timing Resistance – Ω
0
–1
–2
–3
–25
0
25
50
1
2
OSCILLATOR FREQUENCY VARIATION
vs
FREE-AIR TEMPERATURE
3
75
100
VCC = 3.6 V
RT = 10 kΩ
CT = 330 pF
fosc = 200 kHz
TA – Free-Air Temperature – °C
Figure 3
Figure 4
2.2
2
1.6
1.4
0.8
2.6
1.8
2.4
TRIANGLE WAVEFORM SWING VOLTAGE
vs
TIMING CAPACITANCE
1.2
1
VCC = 5 V
RT = 5.1 kΩ
TA = 25°C
CT – Timing Capacitance – pF
101
102
103
104
105
TRIANGLE WAVEFORM PERIOD
vs
TIMING CAPACITANCE
VCC = 5 V
RT = 5.1 kΩ
TA = 25°C
102
101
100
10–1
101
102
103
104
105
CT – Timing Capacitance – pF
Figure 5
Figure 6


同様の部品番号 - TL1451CNSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1451CNSR TI-TL1451CNSR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

同様の説明 - TL1451CNSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com