データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP275AIDGKTG4 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP275AIDGKTG4
部品情報  0.5 C Digital Out Temperature Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP275AIDGKTG4 データシート(HTML) 6 Page - Texas Instruments

Back Button TMP275AIDGKTG4 Datasheet HTML 2Page - Texas Instruments TMP275AIDGKTG4 Datasheet HTML 3Page - Texas Instruments TMP275AIDGKTG4 Datasheet HTML 4Page - Texas Instruments TMP275AIDGKTG4 Datasheet HTML 5Page - Texas Instruments TMP275AIDGKTG4 Datasheet HTML 6Page - Texas Instruments TMP275AIDGKTG4 Datasheet HTML 7Page - Texas Instruments TMP275AIDGKTG4 Datasheet HTML 8Page - Texas Instruments TMP275AIDGKTG4 Datasheet HTML 9Page - Texas Instruments TMP275AIDGKTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TMP275
SBOS363D − JUNE 2006 − REVISED AUGUST 2007
www.ti.com
6
TEMPERATURE
(
°C)
DIGITAL OUTPUT
(BINARY)
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
−0.25
1111 1111 1100
FFC
−25
1110 0111 0000
E70
−55
1100 1001 0000
C90
Table 5. Temperature Data Format
The user can obtain 9, 10, 11, or 12 bits of resolution by
addressing the Configuration Register and setting the
resolution bits accordingly. For 9-, 10-, or 11-bit resolution,
the most significant bits in the Temperature Register are
used with the unused LSBs set to zero.
CONFIGURATION REGISTER
The Configuration Register is an 8-bit read/write register
used to store bits that control the operational modes of the
temperature sensor. Read/write operations are performed
MSB first. The format of the Configuration Register for the
TMP275 is shown in Table 6, followed by a breakdown of
the register bits. The power-up/reset value of the
Configuration Register is all bits equal to 0.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
OS
R1
R0
F1
F0
POL
TM
SD
Table 6. Configuration Register Format
SHUTDOWN MODE (SD)
The Shutdown Mode of the TMP275 allows the user to
save maximum power by shutting down all device circuitry
other than the serial interface, which reduces current
consumption to typically less than 0.1
µA. Shutdown Mode
is enabled when the SD bit is 1; the device will shut down
once the current conversion is completed. When SD is
equal to 0, the device will maintain a continuous
conversion state.
THERMOSTAT MODE (TM)
The Thermostat Mode bit of the TMP275 indicates to the
device whether to operate in Comparator Mode (TM = 0)
or Interrupt Mode (TM = 1). For more information on
comparator and interrupt modes, see the High and Low
Limit Registers section.
POLARITY (POL)
The Polarity Bit of the TMP275 allows the user to adjust the
polarity of the ALERT pin output. If POL = 0, the ALERT pin
will be active LOW, as shown in Figure 3. For POL = 1, the
ALERT pin will be active HIGH, and the state of the ALERT
pin is inverted.
Measured
Temperature
T
HIG H
T
LO W
TMP275 ALERT PIN
(Comparator Mode)
POL = 0
TMP275 ALERT PIN
(Interrupt Mode)
POL = 0
TMP275 ALERT PIN
(Comparator Mode)
POL = 1
TMP275 ALERT PIN
(Interrupt Mode)
POL = 1
Read
Read
Time
Read
Figure 3. Output Transfer Function Diagrams
FAULT QUEUE (F1/F0)
A fault condition is defined as when the measured
temperature exceeds the user-defined limits set in the
THIGH and TLOW Registers. Additionally, the number of
fault conditions required to generate an alert may be
programmed using the fault queue. The fault queue is
provided to prevent a false alert as a result of
environmental
noise.
The
fault
queue
requires
consecutive fault measurements in order to trigger the
alert function. Table 7 defines the number of measured
faults that may be programmed to trigger an alert condition
in the device. For THIGH and TLOW register format and byte
order, see section High and Low Limit Registers.
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
Table 7. Fault Settings of the TMP275


同様の部品番号 - TMP275AIDGKTG4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TMP275AIDGKTG4 BURR-BROWN-TMP275AIDGKTG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

同様の説明 - TMP275AIDGKTG4

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
   I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
   ±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
Analog Devices
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com