データシートサーチシステム |
|
SN74ALVCH16827DL データシート(PDF) 3 Page - Texas Instruments |
|
|
SN74ALVCH16827DL データシート(HTML) 3 Page - Texas Instruments |
3 / 14 page www.ti.com ABSOLUTE MAXIMUM RATINGS (1) RECOMMENDED OPERATING CONDITIONS (1) SN74ALVCH16827 20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS SCES041D – JULY 1995 – REVISED SEPTEMBER 2004 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range -0.5 4.6 V VI Input voltage range(2) -0.5 4.6 V VO Output voltage range(2)(3) -0.5 VCC + 0.5 V IIK Input clamp current VI < 0 -50 mA IOK Output clamp current VO < 0 -50 mA IO Continuous output current ±50 mA Continuous current through each VCC or GND ±100 mA DGG package 81 θ JA Package thermal impedance(4) °C/W DL package 74 Tstg Storage temperature range -65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) This value is limited to 4.6 V maximum. (4) The package thermal impedance is calculated in accordance with JESD 51. MIN MAX UNIT VCC Supply voltage 1.65 3.6 V VCC = 1.65 V to 1.95 V 0.65 × V CC VIH High-level input voltage VCC = 2.3 V to 2.7 V 1.7 V VCC = 2.7 V to 3.6 V 2 VCC = 1.65 V to 1.95 V 0.35 × V CC VIL Low-level input voltage VCC = 2.3 V to 2.7 V 0.7 V VCC = 2.7 V to 3.6 V 0.8 VI Input voltage 0 VCC V VO Output voltage 0 VCC V VCC = 1.65 V -4 VCC = 2.3 V -12 IOH High-level output current mA VCC = 2.7 V -12 VCC = 3 V -24 VCC = 1.65 V 4 VCC = 2.3 V 12 IOL Low-level output current mA VCC = 2.7 V 12 VCC = 3 V 24 ∆t/∆v Input transition rise or fall rate 10 ns/V TA Operating free-air temperature -40 85 °C (1) All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 3 |
同様の部品番号 - SN74ALVCH16827DL |
|
同様の説明 - SN74ALVCH16827DL |