データシートサーチシステム |
|
74ACT11245DWG4 データシート(PDF) 6 Page - Texas Instruments |
|
74ACT11245DWG4 データシート(HTML) 6 Page - Texas Instruments |
6 / 25 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 74ACT11245DBLE OBSOLETE SSOP DB 24 TBD Call TI Call TI 74ACT11245DBR ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245DBRE4 ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245DBRG4 ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245DW ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245DWE4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245DWG4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245DWR ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245DWRE4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245DWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245NSR ACTIVE SO NS 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245NSRE4 ACTIVE SO NS 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245NSRG4 ACTIVE SO NS 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245NT ACTIVE PDIP NT 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 74ACT11245NTE4 ACTIVE PDIP NT 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 74ACT11245PWLE OBSOLETE TSSOP PW 24 TBD Call TI Call TI 74ACT11245PWR ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245PWRE4 ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74ACT11245PWRG4 ACTIVE TSSOP PW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and PACKAGE OPTION ADDENDUM www.ti.com 11-Nov-2009 Addendum-Page 1 |
同様の部品番号 - 74ACT11245DWG4 |
|
同様の説明 - 74ACT11245DWG4 |