データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA04P2S14THSG データシート(PDF) 4 Page - EPCOS

部品番号 CA04P2S14THSG
部品情報  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

CA04P2S14THSG データシート(HTML) 4 Page - EPCOS

  CA04P2S14THSG Datasheet HTML 1Page - EPCOS CA04P2S14THSG Datasheet HTML 2Page - EPCOS CA04P2S14THSG Datasheet HTML 3Page - EPCOS CA04P2S14THSG Datasheet HTML 4Page - EPCOS CA04P2S14THSG Datasheet HTML 5Page - EPCOS CA04P2S14THSG Datasheet HTML 6Page - EPCOS CA04P2S14THSG Datasheet HTML 7Page - EPCOS CA04P2S14THSG Datasheet HTML 8Page - EPCOS CA04P2S14THSG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
General technical data
Maximum RMS operating voltage
VRMS,max
4 ... 25
V
Maximum DC operating voltage
VDC,max
5.5 ... 32
V
Contact discharge ESD capability
to IEC 61000-4-2
VESD,contact
8
kV
Air discharge ESD capability
to IEC 61000-4-2
VESD,air
15
kV
Maximum surge current
(8/20 µs)
Isurge,max
1 ... 5
A
Typical capacitance
(1 MHz, 1 V)
Ctyp
2 ... 15
pF
Maximum clamping voltage
(8/20 µs)
Vclamp,max
59 ... 350
V
Operating temperature
for 0201, 0402 and arrays Top
40/+85
°C
Operating temperature
for 0603
Top
55/+125
°C
Storage temperature
for 0201, 0402 and arrays LCT/UCT
40/+125
°C
Storage temperature
for 0603
LCT/UCT
55/+150
°C
Temperature derating
Climatic category:
40/+85
°C for chip size 0201, 0402
and arrays
Climatic category:
55/+125
°C for chip size 0603
Multilayer varistors (MLVs)
High-speed series
Page 4 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


同様の部品番号 - CA04P2S14THSG

メーカー部品番号データシート部品情報
logo
EPCOS
CA04P2S17ALCG EPCOS-CA04P2S17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA04P2S17TLCG EPCOS-CA04P2S17TLCG Datasheet
102Kb / 5P
   Multiple elements in one component
CA04P2S17TLCG EPCOS-CA04P2S17TLCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
More results

同様の説明 - CA04P2S14THSG

メーカー部品番号データシート部品情報
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com