データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA04P2S17ALCG データシート(PDF) 3 Page - EPCOS

部品番号 CA04P2S17ALCG
部品情報  Ceramic transient voltage suppressors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

CA04P2S17ALCG データシート(HTML) 3 Page - EPCOS

  CA04P2S17ALCG Datasheet HTML 1Page - EPCOS CA04P2S17ALCG Datasheet HTML 2Page - EPCOS CA04P2S17ALCG Datasheet HTML 3Page - EPCOS CA04P2S17ALCG Datasheet HTML 4Page - EPCOS CA04P2S17ALCG Datasheet HTML 5Page - EPCOS CA04P2S17ALCG Datasheet HTML 6Page - EPCOS CA04P2S17ALCG Datasheet HTML 7Page - EPCOS CA04P2S17ALCG Datasheet HTML 8Page - EPCOS CA04P2S17ALCG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Features
ESD protection level acc. ISO 10605, IEC 61000-4-2
Level 4
Bidirectional protection
Low capacitance
Low insertion loss
Low leakage current
No signal distortion
RoHS-compatible
Suitable for lead-free soldering
PSpice simulation models available
Customer-specific types on request
Applications
ESD protection of data lines e.g. in notebooks and
portable devices
Design
Multilayer technology
Lack of plastic or epoxy encapsulation for
flammability rating better than UL 94 V-0
Termination (see “Soldering directions”):
CT and CA types with nickel barrier terminations
(AgNiSn), recommended for lead-free soldering,
and compatible with tin/lead solder.
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet.
The curves are sorted by VRMS and then by case size,
which is included in the type designation.
Single chip
Internal circuit
Available case sizes:
EIA
Metric
0603
1608
0805
2012
Array
Internal circuit
4-fold array
Available case sizes:
EIA
Metric
Version
0612
1632
4-fold array
Multilayer varistors (MLVs)
Low capacitance series
Page 3 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


同様の部品番号 - CA04P2S17ALCG

メーカー部品番号データシート部品情報
logo
EPCOS
CA04P2S17TLCG EPCOS-CA04P2S17TLCG Datasheet
102Kb / 5P
   Multiple elements in one component
More results

同様の説明 - CA04P2S17ALCG

メーカー部品番号データシート部品情報
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com