データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20BIM7 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM20BIM7
部品情報  LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20BIM7 データシート(HTML) 3 Page - Texas Instruments

  LM20BIM7 Datasheet HTML 1Page - Texas Instruments LM20BIM7 Datasheet HTML 2Page - Texas Instruments LM20BIM7 Datasheet HTML 3Page - Texas Instruments LM20BIM7 Datasheet HTML 4Page - Texas Instruments LM20BIM7 Datasheet HTML 5Page - Texas Instruments LM20BIM7 Datasheet HTML 6Page - Texas Instruments LM20BIM7 Datasheet HTML 7Page - Texas Instruments LM20BIM7 Datasheet HTML 8Page - Texas Instruments LM20BIM7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM20
www.ti.com
SNIS106P – DECEMBER 1999 – REVISED FEBRUARY 2013
Connection Diagrams
GND (pin 2) may be grounded or left floating. For optimum thermal conductivity to the pc board ground plane, pin 2
must be grounded.
NC (pin 1) must be left floating or grounded. Other signal traces must not be connected to this pin.
Figure 1. SC70-5 Top View
Package Number DCK0005A
Pin numbers are referenced to the package marking text orientation.
Reference JEDEC Registration MO-211, variation BA
The actual physical placement of package marking will vary slightly from part to part. The package marking will
designate the date code and will vary considerably. Package marking does not correlate to device type in any way.
Figure 2. DSBGA Top View
Package Number YZR0004ZZA
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
6.5V to
−0.2V
Output Voltage
(V+ + 0.6 V) to
−0.6 V
Output Current
10 mA
Input Current at any pin (2)
5 mA
Storage Temperature
−65°C to 150°C
Maximum Junction Temperature (TJMAX)
150°C
ESD Susceptibility (3)
Human Body Model
2500 V
Machine Model
250 V
Soldering process must comply with TI's
Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V
+), the current at that pin should be limited to 5 mA.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM20


同様の部品番号 - LM20BIM7

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20BIM7 NSC-LM20BIM7 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20BIM7 NSC-LM20BIM7 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20BIM7 TI1-LM20BIM7 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
LM20BIM7/NOPB TI1-LM20BIM7/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20BIM7EP NSC-LM20BIM7EP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
More results

同様の説明 - LM20BIM7

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com