データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20CIM7 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM20CIM7
部品情報  LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20CIM7 データシート(HTML) 1 Page - Texas Instruments

  LM20CIM7 Datasheet HTML 1Page - Texas Instruments LM20CIM7 Datasheet HTML 2Page - Texas Instruments LM20CIM7 Datasheet HTML 3Page - Texas Instruments LM20CIM7 Datasheet HTML 4Page - Texas Instruments LM20CIM7 Datasheet HTML 5Page - Texas Instruments LM20CIM7 Datasheet HTML 6Page - Texas Instruments LM20CIM7 Datasheet HTML 7Page - Texas Instruments LM20CIM7 Datasheet HTML 8Page - Texas Instruments LM20CIM7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM20
www.ti.com
SNIS106P – DECEMBER 1999 – REVISED FEBRUARY 2013
LM20 2.4V, 10µA, SC70, DSBGA Temperature Sensor
Check for Samples: LM20
1
FEATURES
DESCRIPTION
2
Rated for full
−55°C to +130°C range
The LM20 is a precision analog output CMOS
Available in an SC70 and DSBGA package
integrated-circuit temperature sensor that operates
Predictable Curvature Error
over a
−55°C to 130°C temperature range. The
power supply operating range is 2.4 V to 5.5 V. The
Suitable for Remote Applications
transfer function of LM20 is predominately linear, yet
has a slight predictable parabolic curvature. The
APPLICATIONS
accuracy of the LM20 when specified to a parabolic
Cellular Phones
transfer function is ±1.5°C at an ambient temperature
of 30°C. The temperature error increases linearly and
Computers
reaches a maximum of ±2.5°C at the temperature
Power Supply Modules
range extremes. The temperature range is affected
Battery Management
by the power supply voltage. At a power supply
FAX Machines
voltage of 2.7 V to 5.5 V the temperature range
extremes are 130°C and
−55°C. Decreasing the
Printers
power supply voltage to 2.4 V changes the negative
HVAC
extreme to
−30°C, while the positive remains at
Disk Drives
130°C.
Appliances
The LM20 quiescent current is less than 10
μA.
Therefore, self-heating is less than 0.02°C in still air.
KEY SPECIFICATIONS
Shutdown capability for the LM20 is intrinsic because
its inherent low power consumption allows it to be
Accuracy at 30°C ±1.5 to ±4 °C (max)
powered directly from the output of many logic gates
Accuracy at 130°C and
−55°C ±2.5 to ±5 °C
or does not necessitate shutdown at all.
(max)
Power Supply Voltage Range 2.4 to 5.5 V
Current Drain 10
μA (max)
Nonlinearity ±0.4% (typ)
Output Impedance 160
Ω (max)
Load Regulation
0
μA < IL< 16 μA −2.5 mV (max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM20CIM7

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20CIM7 NSC-LM20CIM7 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20CIM7 NSC-LM20CIM7 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20CIM7 TI1-LM20CIM7 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
LM20CIM7/NOPB TI1-LM20CIM7/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20CIM7EP NSC-LM20CIM7EP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
More results

同様の説明 - LM20CIM7

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com