データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6296A データシート(PDF) 2 Page - Vishay Siliconix

部品番号 1N6296A
部品情報  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N6296A データシート(HTML) 2 Page - Vishay Siliconix

  1N6296A Datasheet HTML 1Page - Vishay Siliconix 1N6296A Datasheet HTML 2Page - Vishay Siliconix 1N6296A Datasheet HTML 3Page - Vishay Siliconix 1N6296A Datasheet HTML 4Page - Vishay Siliconix 1N6296A Datasheet HTML 5Page - Vishay Siliconix 1N6296A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.5KE6.8A thru 1.5KE540A, 1N6267A thru 1N6303A
www.vishay.com
Vishay General Semiconductor
Revision: 10-Jul-12
2
Document Number: 88301
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE CA62.35
(4) For bi-directional types with VR 10 V and less the ID limit is doubled
*
Bi-directional versions are UL approved under component across the line protection, ULV1414 file number E108274 (1.5KE200CA,
1.5KE220CA)
(+) Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
JEDEC
TYPE
NUMBER
GENERAL
SEMICONDUCTOR
PART NUMBER
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (4)
(μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICENT
OF VBR
(%/°C)
MIN.
MAX.
1N6267A
(+)1.5KE6.8A
6.45
7.14
10
5.80
1000
143
10.5
0.057
1N6268A
(+)1.5KE7.5A
7.13
7.88
10
6.40
500
133
11.3
0.061
1N6269A
(+)1.5KE8.2A
7.79
8.61
10
7.02
200
124
12.1
0.065
1N6270A
(+)1.5KE9.1A
8.65
9.55
1.0
7.78
50
112
13.4
0.068
1N6271A
(+)1.5KE10A
9.50
10.5
1.0
8.55
10
103
14.5
0.073
1N6272A
(+)1.5KE11A
10.5
11.6
1.0
9.40
5.0
96.2
15.6
0.075
1N6273A
(+)1.5KE12A
11.4
12.6
1.0
10.2
5.0
89.8
16.7
0.078
1N6274A
(+)1.5KE13A
12.4
13.7
1.0
11.1
5.0
82.4
18.2
0.081
1N6275A
(+)1.5KE15A
14.3
15.8
1.0
12.8
1.0
70.8
21.2
0.084
1N6276A
(+)1.5KE16A
15.2
16.8
1.0
13.6
1.0
66.7
22.5
0.086
1N6277A
(+)1.5KE18A
17.1
18.9
1.0
15.3
1.0
59.5
25.2
0.089
1N6278A
(+)1.5KE20A
19.0
21.0
1.0
17.1
1.0
54.2
27.7
0.09
1N6279A
(+)1.5KE22A
20.9
23.1
1.0
18.8
1.0
49.0
30.6
0.092
1N6280A
(+)1.5KE24A
22.8
25.2
1.0
20.5
1.0
45.2
33.2
0.094
1N6281A
(+)1.5KE27A
25.7
28.4
1.0
23.1
1.0
40.0
37.5
0.096
1N6282A
(+)1.5KE30A
28.5
31.5
1.0
25.6
1.0
36.2
41.4
0.097
1N6283A
(+)1.5KE33A
31.4
34.7
1.0
28.2
1.0
32.8
45.7
0.098
1N6284A
(+)1.5KE36A
34.2
37.8
1.0
30.8
1.0
30.1
49.9
0.099
1N6285A
(+)1.5KE39A
37.1
41.0
1.0
33.3
1.0
27.8
53.9
0.1
1N6286A
(+)1.5KE43A
40.9
45.2
1.0
36.8
1.0
25.3
59.3
0.101
1N6287A
(+)1.5KE47A
44.7
49.4
1.0
40.2
1.0
23.1
64.8
0.101
1N6288A
(+)1.5KE51A
48.5
53.6
1.0
43.6
1.0
21.4
70.1
0.102
1N6289A
(+)1.5KE56A
53.2
58.8
1.0
47.8
1.0
19.5
77.0
0.103
1N6290A
(+)1.5KE62A
58.9
65.1
1.0
53.0
1.0
17.6
85.0
0.104
1N6291A
(+)1.5KE68A
64.6
71.4
1.0
58.1
1.0
16.3
92.0
0.104
1N6292A
(+)1.5KE75A
71.3
78.8
1.0
64.1
1.0
14.6
104
0.105
1N6293A
(+)1.5KE82A
77.9
86.1
1.0
70.1
1.0
13.3
113
0.105
1N6294A
(+)1.5KE91A
86.5
95.5
1.0
77.8
1.0
12.0
125
0.106
1N6295A
(+)1.5KE100A
95.0
105
1.0
85.5
1.0
10.9
137
0.106
1N6296A
(+)1.5KE 110A
105
116
1.0
94.0
1.0
9.9
152
0.107
1N6297A
(+)1.5KE120A
114
126
1.0
102
1.0
9.1
165
0.107
1N6298A
(+)1.5KE130A
124
137
1.0
111
1.0
8.4
179
0.107
1N6299A
(+)1.5KE150A
143
158
1.0
128
1.0
7.2
207
0.106
1N6300A
(+)1.5KE160A
152
168
1.0
136
1.0
6.8
219
0.108
1N6301A
(+)1.5KE170A
162
179
1.0
145
1.0
6.4
234
0.108
1N6302A
1.5KE180A
171
189
1.0
154
1.0
6.1
246
0.108
1N6303A
1.5KE200A*
190
210
1.0
171
1.0
5.5
274
0.108
-
1.5KE220A*
209
231
1.0
185
1.0
4.6
328
0.108
-
1.5KE250A
237
263
1.0
214
1.0
4.4
344
0.110
-
1.5KE300A
285
315
1.0
256
1.0
3.6
414
0.110
-
1.5KE350A
333
368
1.0
300
1.0
3.1
482
0.110
-
1.5KE400A
380
420
1.0
342
1.0
2.7
548
0.110
-
1.5KE440A
418
462
1.0
376
1.0
2.5
602
0.110
-
1.5KE480A
456
504
1.0
408
1.0
2.28
658
0.110
-
1.5KE510A
485
535
1.0
434
1.0
2.15
698
0.110
-
1.5KE540A
513
567
1.0
459
1.0
2.03
740
0.110


同様の部品番号 - 1N6296A

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N6296A TRSYS-1N6296A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6296A DAESAN-1N6296A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6296A LUGUANG-1N6296A Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6296A DCCOM-1N6296A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
1N6296A BILIN-1N6296A Datasheet
119Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - 1N6296A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com