データシートサーチシステム |
|
ADM213EARSZ-REEL データシート(PDF) 3 Page - Analog Devices |
|
ADM213EARSZ-REEL データシート(HTML) 3 Page - Analog Devices |
3 / 20 page ADM206E/ADM207E/ADM208E/ADM211E/ADM213E Rev. E | Page 3 of 20 SPECIFICATIONS VCC = 5.0 V ± 10%, C1 to C4 = 0.1 μF. All specifications TMIN to TMAX, unless otherwise noted. Table 2. Parameter Min Typ Max Unit Test Conditions/Comments DC CHARACTERISTICS Operating Voltage Range 4.5 5.0 5.5 V VCC Power Supply Current 3.5 13 mA No load SHUTDOWN SUPPLY CURRENT 0.2 10 μA LOGIC Input Pull-Up Current 10 25 μA TIN = GND Input Logic Threshold Low, VINL 0.8 V TIN, EN, EN, SHDN, SHDN Input Logic Threshold High, VINH 2.0 V TIN Input Logic Threshold High, VINH 2.0 V EN, EN, SHDN, SHDN TTL/CMOS Output Voltage Low, VOL 0.4 V IOUT = 1.6 mA TTL/CMOS Output Voltage High, VOH 3.5 V IOUT = −40 μA TTL/CMOS Output Leakage Current +0.05 ±10 μA EN = VCC, EN = GND, 0 V ≤ ROUT ≤ VCC RS-232 RECEIVER Input Voltage Range1 −30 +30 V Input Threshold Low 0.8 1.3 V Input Threshold High 2.0 2.4 V Input Hysteresis 0.65 V Input Resistance 3 5 7 kΩ TA = 0°C to 85°C RS-232 TRANSMITTER Output Voltage Swing ±5.0 ±9.0 V All transmitter outputs loaded with 3 kΩ to ground Output Resistance 300 Ω VCC = 0 V, VOUT = ±2 V Output Short-Circuit Current ±6 ±20 ±60 mA TIMING CHARACTERISTICS Maximum Data Rate 230 kbps RL = 3 kΩ to 7 kΩ, CL = 50 pF to 2500 pF Receiver Propagation Delay, TPHL, TPLH 0.4 2 μs CL = 150 pF Receiver Output Enable Time, tER 120 ns Receiver Output Disable Time, tDR 120 ns Transmitter Propagation Delay, TPHL, TPLH 1 μs RL = 3 kΩ, CL = 2500 pF Transition Region Slew Rate 8 V/μs RL = 3 kΩ, CL = 50 pF to 2500 pF, measured from +3 V to −3 V or −3 V to +3 V EM IMMUNITY ESD Protection (I/O Pins) ±15 kV Human body model ±15 kV IEC 1000-4-2 air-gap discharge ±8 kV IEC 1000-4-2 contact discharge Radiated Immunity 10 V/m IEC 1000-4-3 1 Guaranteed by design. Table 3. ADM211E Truth Table SHDN EN Status TOUT 1:4 ROUT 1:5 0 0 Normal operation Enabled Enabled 0 1 Normal operation Enabled Disabled 1 X1 Shutdown Disabled Disabled 1 X = don’t care. Table 4. ADM213E Truth Table SHDN EN Status TOUT 1:4 ROUT 1:3 ROUT 4:5 0 0 Shutdown Disabled Disabled Disabled 0 1 Shutdown Disabled Disabled Enabled 1 0 Normal operation Enabled Disabled Disabled 1 1 Normal operation Enabled Enabled Enabled |
同様の部品番号 - ADM213EARSZ-REEL |
|
同様の説明 - ADM213EARSZ-REEL |