データシートサーチシステム |
|
MC14008BDR2G データシート(PDF) 3 Page - ON Semiconductor |
|
MC14008BDR2G データシート(HTML) 3 Page - ON Semiconductor |
3 / 8 page MC14008B http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Characteristic Symbol VDD Vdc − 55_C 25_C 125_C Unit Min Max Min Typ (Note 2) Max Min Max Output Voltage “0” Level Vin = VDD or 0 Vin = 0 or VDD “1” Level VOL 5.0 10 15 — — — 0.05 0.05 0.05 — — — 0 0 0 0.05 0.05 0.05 — — — 0.05 0.05 0.05 Vdc VOH 5.0 10 15 4.95 9.95 14.95 — — — 4.95 9.95 14.95 5.0 10 15 — — — 4.95 9.95 14.95 — — — Vdc Input Voltage “0” Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) (VO = 0.5 or 4.5 Vdc) “1” Level (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) VIL 5.0 10 15 — — — 1.5 3.0 4.0 — — — 2.25 4.50 6.75 1.5 3.0 4.0 — — — 1.5 3.0 4.0 Vdc VIH 5.0 10 15 3.5 7.0 11 — — — 3.5 7.0 11 2.75 5.50 8.25 — — — 3.5 7.0 11 — — — Vdc Output Drive Current (VOH = 2.5 Vdc) Source (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) Sink (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOH 5.0 5.0 10 15 – 3.0 – 0.64 – 1.6 – 4.2 — — — — – 2.4 – 0.51 − 1.3 − 3.4 – 4.2 – 0.88 – 2.25 − 8.8 — — — — – 1.7 − 0.36 – 0.9 − 2.4 — — — — mAdc IOL 5.0 10 15 0.64 1.6 4.2 — — — 0.51 1.3 3.4 0.88 2.25 8.8 — — — 0.36 0.9 2.4 — — — mAdc Input Current Iin 15 — ± 0.1 — ±0.00001 ± 0.1 — ± 1.0 mAdc Input Capacitance (Vin = 0) Cin — — — — 5.0 7.5 — — pF Quiescent Current (Per Package) IDD 5.0 10 15 — — — 5.0 10 20 — — — 0.005 0.010 0.015 5.0 10 20 — — — 150 300 600 mAdc Total Supply Current (Notes 3 & 4) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) IT 5.0 10 15 IT = (1.7 mA/kHz) f + IDD IT = (3.4 mA/kHz) f + IDD IT = (5.0 mA/kHz) f + IDD mAdc 2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. 3. The formulas given are for the typical characteristics only at 25_C. 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL − 50) Vfk where: IT is in mA (per package), CL in pF, V = (VDD − VSS) in volts, f in kHz is input frequency, and k = 0.005. |
同様の部品番号 - MC14008BDR2G |
|
同様の説明 - MC14008BDR2G |