データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMZJ3791B データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SMZJ3791B
部品情報  Surface Mount Power Voltage-Regulating Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMZJ3791B データシート(HTML) 2 Page - Vishay Siliconix

  SMZJ3791B Datasheet HTML 1Page - Vishay Siliconix SMZJ3791B Datasheet HTML 2Page - Vishay Siliconix SMZJ3791B Datasheet HTML 3Page - Vishay Siliconix SMZJ3791B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMZJ3788B thru SMZJ3809B
www.vishay.com
Vishay General Semiconductor
Revision: 25-May-12
2
Document Number: 88402
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Maximum steady state power dissipation is 1500 mW at TL = 75 °C (fig. 1)
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER (1)
DEVICE
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT (1)
VZ AT IZT
IZT
IZK
ZZT AT IZT
ZZK AT IZK
IR AT VR
IZM
VmA
μA
V
mA
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
MAX.
SMZJ3788B
VL
8.65
9.1
9.56
41.2
0.50
4.0
1000
50
7.0
140
SMZJ3789B
WB
9.50
10
10.5
37.5
0.25
5.0
1000
50
7.6
125
SMZJ3790B
WD
10.5
11
11.6
34.1
0.25
6.0
650
10
8.4
115
SMZJ3791B
WF
11.4
12
12.6
31.2
0.25
7.0
550
5.0
9.1
105
SMZJ3792B
WH
12.4
13
13.7
28.8
0.25
7.5
550
5.0
9.9
98
SMZJ3793B
WJ
14.3
15
15.8
25.0
0.25
9.0
600
5.0
11.4
85
SMZJ3794B
WL
15.2
16
16.8
23.4
0.25
10.0
600
5.0
12.2
80
SMZJ3795B
XB
17.1
18
18.9
20.8
0.25
12.0
650
5.0
13.7
70
SMZJ3796B
XD
19.0
20
21.0
18.7
0.25
14.0
650
5.0
15.2
62
SMZJ3797B
XF
20.9
22
23.1
17.0
0.25
17.5
650
5.0
16.7
56
SMZJ3798B
XH
22.8
24
25.2
15.6
0.25
19.0
700
5.0
18.2
51
SMZJ3799B
XJ
25.7
27
28.4
13.9
0.25
23.0
700
5.0
20.6
46
SMZJ3800B
XL
28.5
30
31.5
12.5
0.25
26.0
750
5.0
22.8
41
SMZJ3801B
YB
31.4
33
34.7
11.4
0.25
33.0
800
5.0
25.1
38
SMZJ3802B
YD
34.2
36
37.8
10.4
0.25
38.0
850
5.0
27.4
35
SMZJ3803B
YF
37.1
39
41.0
9.6
0.25
45.0
900
5.0
29.7
31
SMZJ3804B
YH
40.9
43
45.2
8.7
0.25
53.0
950
5.0
32.7
28
SMZJ3805B
YJ
44.7
47
49.4
8.0
0.25
67.0
1000
5.0
35.8
26
SMZJ3806B
YL
48.5
51
53.6
7.3
0.25
70.0
1100
5.0
38.8
24
SMZJ3807B
ZB
53.2
56
58.8
6.7
0.25
86.0
1300
5.0
42.6
22
SMZJ3808B
ZD
58.9
62
65.1
6.0
0.25
100.0
1500
5.0
47.1
20
SMZJ3809B
ZF
64.6
68
71.4
5.5
0.25
120.0
1700
5.0
51.7
18
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMZJ3788B-E3/52
0.096
52
750
7" diameter plastic tape and reel
SMZJ3788B-E3/5B
0.096
5B
3200
13" diameter plastic tape and reel
SMZJ3788BHE3/52 (1)
0.096
52
750
7" diameter plastic tape and reel
SMZJ3788BHE3/5B (1)
0.096
5B
3200
13" diameter plastic tape and reel


同様の部品番号 - SMZJ3791B

メーカー部品番号データシート部品情報
logo
General Semiconductor
SMZJ3791B GE-SMZJ3791B Datasheet
47Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMZJ3791B VISHAY-SMZJ3791B Datasheet
28Kb / 2P
   Surface Mount Zener Diodes
01-Aug-02
SMZJ3791B VISHAY-SMZJ3791B Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3791B VISHAY-SMZJ3791B Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
logo
SUNMATE electronic Co.,...
SMZJ3791B SUNMATE-SMZJ3791B Datasheet
515Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

同様の説明 - SMZJ3791B

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZG3788 VISHAY-SMZG3788_08 Datasheet
99Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3788 VISHAY-SMZJ3788 Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com