データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP7105ARDZ データシート(PDF) 8 Page - Analog Devices

部品番号 ADP7105ARDZ
部品情報  20 V, 500 mA, Low Noise LDO Regulator with Soft Start
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP7105ARDZ データシート(HTML) 8 Page - Analog Devices

Back Button ADP7105ARDZ Datasheet HTML 4Page - Analog Devices ADP7105ARDZ Datasheet HTML 5Page - Analog Devices ADP7105ARDZ Datasheet HTML 6Page - Analog Devices ADP7105ARDZ Datasheet HTML 7Page - Analog Devices ADP7105ARDZ Datasheet HTML 8Page - Analog Devices ADP7105ARDZ Datasheet HTML 9Page - Analog Devices ADP7105ARDZ Datasheet HTML 10Page - Analog Devices ADP7105ARDZ Datasheet HTML 11Page - Analog Devices ADP7105ARDZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP7105
Data Sheet
Rev. 0 | Page 8 of 28
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
Figure 12. Dropout Voltage vs. Load Current, VOUT = 3.3 V
Figure 13. Output Voltage vs. Input Voltage (in Dropout), VOUT = 3.3 V
Figure 14. Ground Current vs. Input Voltage (in Dropout), VOUT = 3.3 V
Figure 15. Output Voltage vs. Junction Temperature, VOUT = 5 V
Figure 16. Output Voltage vs. Load Current, VOUT = 5 V
0
20
40
60
80
100
120
140
160
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
3.3V
4.0V
6.0V
8.0V
12.0V
20.0V
0
50
100
150
200
250
300
350
1
10
100
1000
ILOAD (mA)
VOUT = 3.3V
TA = 25°C
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.1
3.2
3.3
3.4
3.5
3.6
3.7
VIN (V)
LOAD = 5mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 300mA
LOAD = 500mA
0
200
400
600
800
1000
1200
1400
3.1
3.2
3.3
3.4
3.5
3.6
3.7
VIN (V)
LOAD = 5mA
LOAD = 10mA
LOAD = 100mA
LOAD = 200mA
LOAD = 300mA
LOAD = 500mA
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
LOAD = 500mA
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
0.1
1
10
100
1000
ILOAD (mA)


同様の部品番号 - ADP7105ARDZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP7105ARDZ AD-ADP7105ARDZ Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ARDZ-1.8 AD-ADP7105ARDZ-1.8 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ARDZ-1.8-R7 AD-ADP7105ARDZ-1.8-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ARDZ-3.3 AD-ADP7105ARDZ-3.3 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
ADP7105ARDZ-3.3-R7 AD-ADP7105ARDZ-3.3-R7 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
More results

同様の説明 - ADP7105ARDZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP7105ACPZ-R2 AD-ADP7105ACPZ-R2 Datasheet
855Kb / 28P
   20 V, 500 mA, Low Noise LDO Regulator with Soft Start
REV. 0
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
   500 mA Low-Noise LDO Regulator
09/14/21
logo
Analog Devices
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
logo
Texas Instruments
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74701-Q1 TI-TPS74701-Q1_15 Datasheet
869Kb / 25P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
Texas Instruments
TPS74701 TI-TPS74701_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
logo
Analog Devices
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com