データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5367B データシート(PDF) 3 Page - Formosa MS

部品番号 1N5367B
部品情報  5W Zener Diode 5.1 to 200V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FORMOSA [Formosa MS]
ホームページ  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5367B データシート(HTML) 3 Page - Formosa MS

  1N5367B Datasheet HTML 1Page - Formosa MS 1N5367B Datasheet HTML 2Page - Formosa MS 1N5367B Datasheet HTML 3Page - Formosa MS 1N5367B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES
TEMPERATURE COEFFICIENTS
8
6
4
2
0
0
20
40
60
80
100
120
TL, LEAD TEMPERATURE
300
200
100
50
30
20
10
5
0 20 40 60 80 100 120 140 160 180 200 220
RANGE
VZ, ZENER VOLTAGE @IZT (VOLTS)
Fig. 1-POWER TEMPERATURE DERATING CURVE
Fig. 2-TEMPERATURE COEFFICIENT-RANGE FOR UNITS
6TO 51VOLTS
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1
MOUNT ON 8.0mm
COPPER PADS TO
EACH TERMINAL
L, LEAD LENGTH TO HEAT SINK (INCH)
40
20
10
4
2
1
0.4
0.2
0.1
3
4
6
8 10
20
30 40
60 80 100
200
PW = 1ms*
PW = 8.3ms*
PW = 1000ms*
SINE / SQUARE WAVE PW = 100ms*
NOMINAL VZ(V)
Fig. 4-TYPICAL THERMAL RESISTANCE
Fig. 5-MAXIMUM NON-REPETITIVE SURGE
CURRENT VERSUS NOMINAL ZENER
VOLTAGE (SEE NOTE 3)
2
20
10
5
2
1
0.5
0.2
0.001
0.005
0.01
0.05
0.1
0.5
1
5
10
20
50
100
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.01
D = 0
NOTE: BELOW 0.1 SECOND, THERMAL
NOTE: RESPONSE CURVE IS APPLICABLE
NOTE: TO ANY LEAD LENGTH (L).
DUTY CYCLE, D = t1/t2
SINGLE PULSE
D TJL = qJL(t)PPK
REPETITIVE PULSES
D TJL = qJL(t, D)PPK
PPK
t1
t2
t, TIME (SECONDS)
Figure
3. Typical Thermal Response
L, Lead Length = 3/8 Inch
bKPOKQ40s
5W Zener Diode 5.1 to 200V
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222803
2008/02/10
2010/03/10
B
4
1N5338 Thru 1N5388
深圳FMS
Kinter
131
6803
0058


同様の部品番号 - 1N5367B

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N5367B MICROSEMI-1N5367B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Motorola, Inc
1N5367B MOTOROLA-1N5367B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Yangzhou yangjie electr...
1N5367B YANGJIE-1N5367B Datasheet
447Kb / 5P
   Zener Diodes
logo
Semikron International
1N5367B SEMIKRON-1N5367B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Pan Jit International I...
1N5367B PANJIT-1N5367B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

同様の説明 - 1N5367B

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4733A MCC-SMAJ4733A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 5.1 to 100 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
   1.5 Watt Zener Diode 5.1 to 51 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
   1.5 Watt Zener Diode 5.1 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Micro Commercial Compon...
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com