データシートサーチシステム |
|
AD669ANZ データシート(PDF) 2 Page - Analog Devices |
|
AD669ANZ データシート(HTML) 2 Page - Analog Devices |
2 / 12 page AD669–SPECIFICATIONS Model AD669AN/AR AD669AQ/SQ AD669BN/BQ/BR Min Typ Max Min Typ Max Min Typ Max Units RESOLUTION 16 16 16 Bits DIGITAL INPUTS (TMIN to TMAX) VIH (Logic “1” ) 2.0 5.5 * * * * Volts VIL (Logic “0” ) 0 0.8 * * * * Volts IIH (VIH = 5.5 V) 10 ** µA IIL (VIL = 0 V) 10 ** µA TRANSFER FUNCTION CHARACTERISTICS 1 Integral Nonlinearity 2 * 1 LSB TMIN to TMAX 4 * 2 LSB Differential Nonlinearity 2 * 1 LSB TMIN to TMAX 4 * 2 LSB Monotonicity Over Temperature 14 14 15 Bits Gain Error 2, 5 0.15 0.10 0.10 % of FSR Gain Drift 2 (T MIN to TMAX) 25 15 15 ppm/ °C Unipolar Offset 5 5 2.5 mV Unipolar Offset Drift (TMIN to TMAX) 533 ppm/ °C Bipolar Zero Error 15 15 10 mV Bipolar Zero Error Drift (TMIN to TMAX) 12 10 5 ppm/ °C REFERENCE INPUT Input Resistance 7 10 13 ****** k Ω Bipolar Offset Input Resistance 7 10 13 ****** k Ω REFERENCE OUTPUT Voltage 9.98 10.00 10.02 ****** Volts Drift 25 15 15 ppm/ °C External Current 3 2 4 ** ** mA Capacitive Load 1000 * * pF Short Circuit Current 25 * * mA OUTPUT CHARACTERISTICS Output Voltage Range Unipolar Configuration 0 +10 * * * * Volts Bipolar Configuration –10 +10 * * * * Volts Output Current 5 * * mA Capacitive Load 1000 * * pF Short Circuit Current 25 * * mA POWER SUPPLIES Voltage VCC 4 +13.5 +16.5 * * * * Volts VEE 4 –13.5 –16.5 * * * * Volts VLL +4.5 +5.5 * * * * Volts Current (No Load) ICC +12 +18 ** ** mA IEE –12 –18 ** ** mA ILL @ VIH, VIL = 5, 0 V 0.3 2 ** ** mA @ VIH, VIL = 2.4, 0.4 V 3 7.5 ** ** mA Power Supply Sensitivity 1 3 * * * * ppm/% Power Dissipation (Static, No Load) 365 625 * * mW TEMPERATURE RANGE Specified Performance (A, B) –40 +85 –40 +85 –40 +85 °C Specified Performance (S) –55 +125 °C NOTES 1For 16-bit resolution, 1 LSB = 0.0015% of FSR = 15 ppm of FSR. For 15-bit resolution, 1 LSB = 0.003% of FSR = 30 ppm of FSR. For 14-bit resolution 1 LSB = 0.006% of FSR = 60 ppm of FSR. FSR stands for Full-Scale Range and is 10 V for a 0 V to + 10 V span and 20 V for a –10 V to +10 V span. 2Gain error and gain drift measured using the internal reference. Gain drift is primarily reference related. See the Using the AD669 with the AD688 Reference section for further information. 3External current is defined as the current available in addition to that supplied to REF IN and SPAN/BIPOLAR OFFSET on the AD669. 4Operation on ±12 V supplies is possible using an external reference like the AD586 and reducing the output range. Refer to the Internal/External Reference Use section. 5Measured with fixed 50 Ω resistors. Eliminating these resistors increases the gain error by 0.25% of FSR (Unipolar mode) or 0.50% of FSR (Bipolar mode). Refer to the Analog Circuit Connections section. *Same as AD669AN/AR specification. Specifications subject to change without notice. Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifica- tions are guaranteed. Those shown in boldface are tested on all production units. (@ TA = +25 C, VCC = +15 V, VEE = –15 V, VLL = +5 V, unless otherwise noted) REV. A –2– |
同様の部品番号 - AD669ANZ |
|
同様の説明 - AD669ANZ |