![]() |
データシートサーチシステム |
|
AD813AR-14 データシート(PDF) 2 Page - Analog Devices |
|
AD813AR-14 データシート(HTML) 2 Page - Analog Devices |
2 / 19 page ![]() Model AD813A Conditions V S Min Typ Max Units DYNAMIC PERFORMANCE –3 dB Bandwidth G = +2, No Peaking ±5 V 45 65 MHz ±15 V 75 100 MHz Bandwidth for 0.1 dB Flatness G = +2 ±5 V 15 25 MHz ±15 V 25 50 MHz Slew Rate1 G = +2, R L = 1 kΩ± 5 V 150 V/ µs ±15 V 150 250 V/ µs G = –1, R L = 1 kΩ± 5 V 225 V/ µs ±15 V 450 V/ µs Settling Time to 0.1% G = –1, R L = 1 kΩ V O = 3 V Step ±5 V 50 ns V O = 10 V Step ±15 V 40 ns NOISE/HARMONIC PERFORMANCE Total Harmonic Distortion f C = 1 MHz, RL = 1 kΩ± 15 V –90 dBc Input Voltage Noise f = 10 kHz ±5 V, ± 15 V 3.5 nV √Hz Input Current Noise f = 10 kHz, +In ±5 V, ± 15 V 1.5 pA √Hz –In ±5 V, ± 15 V 18 pA √Hz Differential Gain Error NTSC, G = ±2, R L = 150 Ω± 5 V 0.08 % ±15 V 0.03 0.09 % Differential Phase Error ±5 V 0.13 Degrees ±15 V 0.06 0.12 Degrees DC PERFORMANCE Input Offset Voltage ±5 V, ± 15 V 2 5 mV T MIN–TMAX 12 mV Offset Drift ±5 V, ± 15 V 15 µV/°C –Input Bias Current ±5 V, ± 15 V 5 30 µA T MIN–TMAX 35 µA +Input Bias Current ±5 V, ± 15 V 0.5 1.7 µA T MIN–TMAX 2.5 µA Open-Loop Voltage Gain V O = ± 2.5 V, RL = 150 Ω± 5 V 69 76 dB T MIN–TMAX 66 dB V O = ± 10 V, RL = 1 kΩ± 15 V 73 82 dB T MIN–TMAX 72 dB Open-Loop Transresistance V O = ± 2.5 V, RL = 150 Ω± 5 V 300 500 k Ω T MIN–TMAX 200 k Ω V O = ± 10 V, RL = 1 kΩ± 15 V 400 900 k Ω T MIN–TMAX 300 k Ω INPUT CHARACTERISTICS Input Resistance +Input ±15 V 15 M Ω –Input ±15 V 65 Ω Input Capacitance +Input ±15 V 1.7 pF Input Common Mode ±5 V ±4.0 V Voltage Range ±15 V ±13.5 V Common-Mode Rejection Ratio Input Offset Voltage V CM = ± 2.5 V ±5 V 54 58 dB –Input Current 23 µA/V ±Input Current 0.07 0.15 µA/V Input Offset Voltage V CM = ± 10 V ±15 V 57 62 dB –Input Current 1.5 3.0 µA/V +Input Current 0.05 0.1 µA/V Dual Supply (@ T A = +25 C, RL = 150 , unless otherwise noted) AD813–SPECIFICATIONS REV. B –2– |
同様の部品番号 - AD813AR-14 |
|
同様の説明 - AD813AR-14 |