データシートサーチシステム |
|
ADR431 データシート(PDF) 11 Page - Analog Devices |
|
ADR431 データシート(HTML) 11 Page - Analog Devices |
11 / 20 page Data Sheet AD5546/AD5556 Rev. D | Page 11 of 20 DIGITAL SECTION The AD5546/AD5556 have 16-/14-bit parallel inputs. The devices are double buffered with 16-/14-bit registers. The double-buffered feature allows the update of several AD5546/AD5556 simultaneously. For the AD5546, the input register is loaded directly from a 16-bit controller bus when the WR pin is brought low. The DAC register is updated with data from the input register when LDAC is brought high. Updating the DAC register updates the DAC output with the new data (see Figure 17). To make both registers transparent, tie WR low and LDAC high. The asynchronous RS pin resets the part to zero scale if the MSB pin = 0 and to midscale if the MSB pin = 1. Table 5. AD5546 Parallel Input Data Format MSB LSB Bit Position B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 Data Word D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Table 6. AD5556 Parallel Input Data Format MSB LSB Bit Position B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 Data Word D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Table 7. Control Inputs RS WR LDAC Register Operation 0 X1 X1 Reset output to 0, with MSB pin = 0 and to midscale with MSB pin = 1. 1 0 0 Load input register with data bits. 1 1 1 Load DAC register with the contents of the input register. 1 0 1 Input and DAC registers are transparent. 1 When LDAC and WR are tied together and programmed as a pulse, the data bits are loaded into the input register on the falling edge of the pulse and then loaded into the DAC register on the rising edge of the pulse. 1 1 0 No register operation. 1 X = don’t care. ESD PROTECTION CIRCUITS All logic input pins contain back-biased ESD protection Zeners connected to ground (GND) and VDD, as shown in Figure 18. As a result, the voltage level of the logic input should not be greater than the supply voltage. 5kΩ DIGITAL INPUTS DGND VDD Figure 18. Equivalent ESD Protection Circuits AMPLIFIER SELECTION In addition to offset voltage, the bias current is important in op amp selection for precision current output DACs. An input bias current of 30 nA in the op amp contributes to 1 LSB in the AD5546’s full-scale error. The OP1177 and AD8628 op amps are good candidates for the I-V conversion. REFERENCE SELECTION The initial accuracy and the rated output of the voltage refer- ence determine the full span adjustment. The initial accuracy is usually a secondary concern in precision because it can be trimmed. Figure 23 shows an example of a trimming circuit. The zero scale error can also be minimized by standard op amp nulling techniques. The voltage reference temperature coefficient (TC) and long- term drift are primary considerations. For example, a 5 V ref- erence with a TC of 5 ppm/oC means that the output changes by 25 µV per degree Celsius. As a result, the reference that operates at 55oC contributes an additional 750 µV full-scale error. Similarly, the same 5 V reference with a ±50 ppm long-term drift means that the output may change by ±250 µV over time. Therefore, it is practical to calibrate a system periodically to maintain its optimum precision. |
同様の部品番号 - ADR431 |
|
同様の説明 - ADR431 |