データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8676 データシート(PDF) 6 Page - Analog Devices

部品番号 AD8676
部品情報  36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8676 データシート(HTML) 6 Page - Analog Devices

Back Button AD8676 Datasheet HTML 2Page - Analog Devices AD8676 Datasheet HTML 3Page - Analog Devices AD8676 Datasheet HTML 4Page - Analog Devices AD8676 Datasheet HTML 5Page - Analog Devices AD8676 Datasheet HTML 6Page - Analog Devices AD8676 Datasheet HTML 7Page - Analog Devices AD8676 Datasheet HTML 8Page - Analog Devices AD8676 Datasheet HTML 9Page - Analog Devices AD8676 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8675
Data Sheet
Rev. E | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
±15 V and ±5 V, TA = 25°C, unless otherwise specified.
10
9
8
7
6
5
4
3
2
1
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 3. Voltage Noise Density vs. Frequency
90
0
–100
–80
–60
–40
–20
0
20
40
60
80
100
VOS (µV)
80
70
60
50
40
30
20
10
Figure 4. Input Offset Voltage Distribution
25
20
15
10
5
0
TCVOS (µV/°C)
Figure 5. TCVOS
150
–150
–40
TEMPERATURE (°C)
100
50
0
–50
–100
–20
120
100
80
60
40
20
0
VS = ±15V
TYPICAL
Figure 6. Offset Voltage vs. Temperature
350
300
250
200
150
100
50
0
IB (nA)
2.0
1.6
1.2
0.8
0.4
0
–2.0 –1.6 –1.2 –0.8 –0.4
Figure 7. Input Bias Current, VS = ±15 V
2.0
1.6
1.2
0.8
0.4
0
–2.0 –1.6 –1.2 –0.8 –0.4
350
300
250
200
150
100
50
0
IB (nA)
Figure 8. Input Bias Current, VS = ±5 V


同様の部品番号 - AD8676

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
   Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. 0
AD8676 AD-AD8676 Datasheet
804Kb / 24P
   30 V, Low Noise, Rail-to-Rail
REV. A
AD8676 AD-AD8676 Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD8676 AD-AD8676 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8676 AD-AD8676 Datasheet
343Kb / 19P
   Ultralow Distortion, Ultralow Noise Op Amp
More results

同様の説明 - AD8676

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
REV. 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
AD8676 AD-AD8676 Datasheet
492Kb / 12P
   Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. 0
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
   Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011 Datasheet
265Kb / 16P
   Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com