データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1304-0000-000C00C240H データシート(PDF) 1 Page - Cree, Inc

部品番号 CXA1304-0000-000C00C240H
部品情報  CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C00C240H データシート(HTML) 1 Page - Cree, Inc

  CXA1304-0000-000C00C240H Datasheet HTML 1Page - Cree, Inc CXA1304-0000-000C00C240H Datasheet HTML 2Page - Cree, Inc CXA1304-0000-000C00C240H Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000C00C240H Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C00C240H Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C00C240H Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C00C240H Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C00C240H Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C00C240H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product family data sheet
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree
® Xlamp® cXa1304 led
Product descriPtion
The XLamp CXA1304 LeD array
expands Cree’s family of high‑flux,
multi-die arrays in a smaller,
easy-to-use
platform.
With
XLamp
lighting-class
reliability,
the
CXA1304’s
small,
uniform
emitting
surface
enables
both
directional
and
non-directional
lighting applications including lamp
retrofit and luminaire designs.
Available in 2-step and 4-step color
consistency, and featuring a 6-mm
optical source, the CXA1304 brings
new levels of flux and efficacy to
this form factor.
features
• Available in ANSI white bins
as well as 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K and
5000 K CCT
• Available in ANSI white bins as
well as 4-step easyWhite bins
at 5700 K and 6500 K CCT
• Available in 70-, 80-, 90- and
93-minimum CRI options
• Forward voltage options: 9 v &
37 v
• 85 °C binning and
characterization
• maximum drive current:
1000 mA (9 v), 250 mA (37 v)
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux
bins
• RoHS- and ReACh-compliant
• UL-recognized component
(e349212)
table of contents
Characteristics .............................. 2
operating Limits............................ 3
Flux Characteristics, easyWhite
order Codes and Bins - 9 v............. 4
Flux Characteristics, ANSI White
order Codes and Bins - 9 v............. 6
Flux Characteristics, easyWhite
order Codes and Bins - 37 v ........... 8
Flux Characteristics, ANSI White
order Codes and Bins - 37 v ..........10
Relative Spectral power
Distribution..................................12
electrical Characteristics................13
Relative Luminous Flux..................14
Typical Spatial Distribution.............16
performance Groups - Brightness....16
performance Groups - Chromaticity.17
Cree easyWhite Bins plotted on the
1931 CIe Color Space ...................19
Cree ANSI White Bins plotted on
the 1931 CIe Color Space ..............20
Bin and order Code Formats ..........21
mechanical Dimensions..................21
Thermal Design............................22
Notes..........................................24
packaging....................................25


同様の部品番号 - CXA1304-0000-000C00C240H

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1304-0000-000C00C240H CREE-CXA1304-0000-000C00C240H Datasheet
3Mb / 30P
   XLamp LED
More results

同様の説明 - CXA1304-0000-000C00C240H

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com