データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2540-0000-000N00U427F データシート(PDF) 4 Page - Cree, Inc

部品番号 CXA2540-0000-000N00U427F
部品情報  LED array expands Crees family of high flux, multi die integrated arrays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N00U427F データシート(HTML) 4 Page - Cree, Inc

  CXA2540-0000-000N00U427F Datasheet HTML 1Page - Cree, Inc CXA2540-0000-000N00U427F Datasheet HTML 2Page - Cree, Inc CXA2540-0000-000N00U427F Datasheet HTML 3Page - Cree, Inc CXA2540-0000-000N00U427F Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N00U427F Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N00U427F Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N00U427F Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N00U427F Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N00U427F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
4
XLamp CXa2540 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 1100 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
4000 K
70
75
v2
4230
4730
40H
CXA2540-0000-000N00v240H
40F
CXA2540-0000-000N00v240F
v4
4545
5083
CXA2540-0000-000N00v440H
CXA2540-0000-000N00v440F
W2
4860
5435
CXA2540-0000-000N00W240H
CXA2540-0000-000N00W240F
80
---
U4
3955
4423
40H
CXA2540-0000-000N0HU440H
40F
CXA2540-0000-000N0HU440F
v2
4230
4730
CXA2540-0000-000N0Hv240H
CXA2540-0000-000N0Hv240F
v4
4545
5083
CXA2540-0000-000N0Hv440H
CXA2540-0000-000N0Hv440F
90
95
T2
3200
3552
40H
CXA2540-0000-000N0UT240H
40F
CXA2540-0000-000N0UT240F
T4
3440
3818
CXA2540-0000-000N0UT440H
CXA2540-0000-000N0UT440F
U2
3680
4115
CXA2540-0000-000N0UU240H
CXA2540-0000-000N0UU240F
3500 K
80
---
U4
3955
4423
35H
CXA2540-0000-000N00U435H
35F
CXA2540-0000-000N00U435F
v2
4230
4730
CXA2540-0000-000N00v235H
CXA2540-0000-000N00v235F
v4
4545
5083
CXA2540-0000-000N00v435H
CXA2540-0000-000N00v435F
93
95
T2
3200
3552
35H
CXA2540-0000-000N0YT235H
35F
CXA2540-0000-000N0YT235F
T4
3440
3818
CXA2540-0000-000N0YT435H
CXA2540-0000-000N0YT435F
U2
3680
4115
CXA2540-0000-000N0YU235H
CXA2540-0000-000N0YU235F
3000 K
80
---
U4
3955
4423
30H
CXA2540-0000-000N00U430H
30F
CXA2540-0000-000N00U430F
v2
4230
4730
CXA2540-0000-000N00v230H
CXA2540-0000-000N00v230F
v4
4545
5083
CXA2540-0000-000N00v430H
CXA2540-0000-000N00v430F
90
---
T2
3200
3552
30H
CXA2540-0000-000N0UT230H
30F
CXA2540-0000-000N0UT230F
T4
3440
3818
CXA2540-0000-000N0UT430H
CXA2540-0000-000N0UT430F
U2
3680
4115
CXA2540-0000-000N0UU230H
CXA2540-0000-000N0UU230F
93
95
S4
2990
3319
30H
CXA2540-0000-000N0YS430H
30F
CXA2540-0000-000N0YS430F
T2
3200
3552
CXA2540-0000-000N0YT230H
CXA2540-0000-000N0YT230F
T4
3440
3818
CXA2540-0000-000N0YT430H
CXA2540-0000-000N0YT430F
fluX characteristics, easyWhite order codes and bins (i
f = 1100 ma, tJ = 85 °c) -
continued


同様の部品番号 - CXA2540-0000-000N00U427F

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA2540-0000-000N00U427F CREE-CXA2540-0000-000N00U427F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

同様の説明 - CXA2540-0000-000N00U427F

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com