データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2540-0000-000N0UT23E7 データシート(PDF) 6 Page - Cree, Inc

部品番号 CXA2540-0000-000N0UT23E7
部品情報  LED array expands Crees family of high flux, multi die integrated arrays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N0UT23E7 データシート(HTML) 6 Page - Cree, Inc

Back Button CXA2540-0000-000N0UT23E7 Datasheet HTML 2Page - Cree, Inc CXA2540-0000-000N0UT23E7 Datasheet HTML 3Page - Cree, Inc CXA2540-0000-000N0UT23E7 Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N0UT23E7 Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N0UT23E7 Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N0UT23E7 Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N0UT23E7 Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N0UT23E7 Datasheet HTML 9Page - Cree, Inc CXA2540-0000-000N0UT23E7 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
6
XLamp CXa2540 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, ansi White order codes and bins (i
f = 1100 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA2540 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 15).
cct
range
cri
base order codes
min luminous flux
@ 1100 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
6500 K
70
75
v4
4545
5083
1A0, 1B0, 1C0, 1D0
CXA2540-0000-000N00v40e1
W2
4860
5435
CXA2540-0000-000N00W20e1
W4
5225
5843
CXA2540-0000-000N00W40e1
80
---
v2
4230
4730
1A0, 1B0, 1C0, 1D0
CXA2540-0000-000N0Hv20e1
v4
4545
5083
CXA2540-0000-000N0Hv40e1
W2
4860
5435
CXA2540-0000-000N0HW20e1
5700 K
70
75
v4
4545
5083
2A0, 2B0, 2C0, 2D0
CXA2540-0000-000N00v40e2
W2
4860
5435
CXA2540-0000-000N00W20e2
W4
5225
5843
CXA2540-0000-000N00W40e2
80
---
v2
4230
4730
2A0, 2B0, 2C0, 2D0
CXA2540-0000-000N0Hv20e2
v4
4545
5083
CXA2540-0000-000N0Hv40e2
W2
4860
5435
CXA2540-0000-000N0HW20e2
5000 K
70
75
v4
4545
5083
3A0, 3B0, 3C0, 3D0
CXA2540-0000-000N00v40e3
W2
4860
5435
CXA2540-0000-000N00W20e3
W4
5225
5843
CXA2540-0000-000N00W40e3
80
---
v2
4230
4730
3A0, 3B0, 3C0, 3D0
CXA2540-0000-000N0Hv20e3
v4
4545
5083
CXA2540-0000-000N0Hv40e3
W2
4860
5435
CXA2540-0000-000N0HW20e3
90
95
T4
3440
3818
3A0, 3B0, 3C0, 3D0
CXA2540-0000-000N0UT40e3
U2
3680
4115
CXA2540-0000-000N0UU20e3
U4
3955
4391
CXA2540-0000-000N0UU40e3


同様の部品番号 - CXA2540-0000-000N0UT23E7

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U227H CREE-CXA2540-0000-000N00U227H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U427F CREE-CXA2540-0000-000N00U427F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U427H CREE-CXA2540-0000-000N00U427H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U430F CREE-CXA2540-0000-000N00U430F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

同様の説明 - CXA2540-0000-000N0UT23E7

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com