データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFRU2955 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 SFRU2955
部品情報  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFRU2955 データシート(HTML) 1 Page - Fairchild Semiconductor

  SFRU2955 Datasheet HTML 1Page - Fairchild Semiconductor SFRU2955 Datasheet HTML 2Page - Fairchild Semiconductor SFRU2955 Datasheet HTML 3Page - Fairchild Semiconductor SFRU2955 Datasheet HTML 4Page - Fairchild Semiconductor SFRU2955 Datasheet HTML 5Page - Fairchild Semiconductor SFRU2955 Datasheet HTML 6Page - Fairchild Semiconductor SFRU2955 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Avalanche Rugged Technology
Rugged Gate Oxide Technology
Lower Input Capacitance
Improved Gate Charge
Extended Safe Operating Area
Lower Leakage Current : 10
µA (Max.) @ V
DS = -60V
Lower R
DS(ON) : 0.22 Ω (Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
RθJC
RθJA
RθJA
oC/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
FEATURES
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
oC)
Continuous Drain Current (T
C=100
oC)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
A=25
oC)
Total Power Dissipation (T
C=25
oC)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8” from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
P
D
I
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
W
W/
oC
A
oC
V
DSS
V
*
D-PAK
1. Gate 2. Drain 3. Source
1
2
3
I-PAK
1
3
2
O
1
O
2
O
1
O
1
O
3
SFR/U2955
BV
DSS = -60 V
R
DS(on) = 0.3 Ω
I
D = -7.6 A
-60
-7.6
-5.4
30
99
-7.6
3.2
-5.5
2.5
32
0.26
- 55 to +150
300
3.91
50
110
--
--
--
20
+
_
©1999 Fairchild Semiconductor Corporation
Rev. B


同様の部品番号 - SFRU2955

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SFRU2955 FAIRCHILD-SFRU2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
More results

同様の説明 - SFRU2955

メーカー部品番号データシート部品情報
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com