データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST015PG1SPGF データシート(PDF) 3 Page - Honeywell Solid State Electronics Center

部品番号 ST015PG1SPGF
部品情報  Stainless Steel Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ST015PG1SPGF データシート(HTML) 3 Page - Honeywell Solid State Electronics Center

  ST015PG1SPGF Datasheet HTML 1Page - Honeywell Solid State Electronics Center ST015PG1SPGF Datasheet HTML 2Page - Honeywell Solid State Electronics Center ST015PG1SPGF Datasheet HTML 3Page - Honeywell Solid State Electronics Center ST015PG1SPGF Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Stainless Steel Pressure Sensors
ST Series
HOW TO ORDER
ST
Series
100
Range
P
Unit
G
Reference
G = Gage (psig)
V = Vacuum**
1 S
P G
F
F = Fluorosilicone
G = 4 mA to 20 mA
R = 0.5 Vdc to 4.5 Vdc Regulated
C = 0.5 Vdc to 4.5 Vdc Ratiometric
P = Packard
S = Stainless Steel
B = Brass
Internal Seal
Material
Output
Termination
Port Material
Pressure
Connections
B = BAR
P = PSI
BAR
0R4*
0R6*
001
1R6*
2R5*
004
006
010
016
005
010
015
025
050
PSI
100
150
200
250
1 = 1/8-27 NPT
2 = 1/4-18 NPT
6 = G1/4-19 BSP
* The character R replaces the decimal point in fractional pressure ranges.
** For 015 pressure range only, full scale output at -14.7 psi.
Note: Not all combinations are available. Minimum quantity orders apply. Contact Honeywell for more details
Honeywell
• Sensing and Control 3


同様の部品番号 - ST015PG1SPGF

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
ST015PG1SPGF HONEYWELL-ST015PG1SPGF Datasheet
220Kb / 4P
   Amplified output whicheliminates the cost of external amplifiers
ST015PG1SPGF HONEYWELL-ST015PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
More results

同様の説明 - ST015PG1SPGF

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
   Compensated stainless steel pressure sensors
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSC1001GA SENSORTECHNICS-SSC1001GA Datasheet
97Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com