データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBC34123 データシート(PDF) 1 Page - Cymbet Corporation

部品番号 CBC34123
部品情報  SPI Real-Time Clock/Calendar with Integrated Backup Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYMBET [Cymbet Corporation]
ホームページ  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34123 データシート(HTML) 1 Page - Cymbet Corporation

  CBC34123 Datasheet HTML 1Page - Cymbet Corporation CBC34123 Datasheet HTML 2Page - Cymbet Corporation CBC34123 Datasheet HTML 3Page - Cymbet Corporation CBC34123 Datasheet HTML 4Page - Cymbet Corporation CBC34123 Datasheet HTML 5Page - Cymbet Corporation CBC34123 Datasheet HTML 6Page - Cymbet Corporation CBC34123 Datasheet HTML 7Page - Cymbet Corporation CBC34123 Datasheet HTML 8Page - Cymbet Corporation CBC34123 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-31 V.08
Page 1 of 9
SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123 EnerChip™ RTC
Features
• Integrated rechargeable solid state battery with
power-fail detect and automatic switchover, pro-
viding greater than 30 hours of RTC backup
• Smallest commercially available RTC with inte-
grated backup power in compact 5mm x 5mm
1.4mm QFN package
• Temperature compensated charge control
• Integrated EnerChip™ recharged at VDD > 2.5V
• SMT assembly - lead-free reflow solder tolerant
• Real time clock provides year, month, day, week-
day, hours, minutes, and seconds based on a
32.768 kHz quartz crystal
• Resolution: seconds to years
• Watchdog functionality
• Freely programmable timer and alarm with inter-
rupt capability
• 3-line SPI-bus with separate, but combinable
data input and output
• Integrated oscillator load capacitors for C
L = 7 pF
• Internal Power-On Reset (POR)
• Open-drain interrupt and clock output pins
• Programmable offset register for frequency
adjustment
• Eco-friendly, RoHS compliant - tested
General Description
The EnerChip RTC CBC34123-M5C combines a
Real-Time Clock (RTC) and calendar optimized
for low power applications with an integrated
rechargeable solid state backup battery and all power
management functions. The EnerChip RTC ensures
a seamless transition from main power to backup
power in the event of power loss. The integrated
power management circuit ensures thousands of
charge-discharge cycles from the integrated EnerChip
and manages battery charging, discharge cutoff,
power switchover, and temperature compensation
to maximize the service life of the device. The
CBC34123 provides greater than 30 hours of backup
time in the event main power is interrupted. Typical
blackout times are less than 4 hours. The EnerChip
has extremely low self-discharge, recharges quickly, is
non-flammable, and RoHS-compliant. The EnerChip is
charged automatically anytime VDD is above 2.5V.
Data is transferred serially via a Serial Peripheral
Interface (SPI-bus) with a maximum data rate of 6.25
Mbit/s. Alarm and timer functions provide the option
to generate a wake-up signal on an interrupt pin. An
offset register allows fine tuning of the clock.
5mm x 5mm x 1.4mm 16-QFN Package
Applications
• Wireless sensors and RFID tags
and other
powered, low duty cycle applications.
• Power bridging
to provide uninterruptible RTC
function during exchange of main batteries.
• Consumer appliances
that have real-time
clocks; provides switchover power from main
supply to backup battery.
• Business and industrial systems
such as:
network routers, point-of-sale terminals, single-
board computers, test equipment, multi-function
printers, industrial controllers, and utility meters.
• Time keeping application
• Battery powered devices
• Metering
• High duration timers
• Daily alarms
• Low standby power applications
Preliminary
Figure 1: CBC34123 Pin-out Diagram


同様の部品番号 - CBC34123

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
CBC34123-M5C CYMBET-CBC34123-M5C Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
CBC34123-M5C-TR1 CYMBET-CBC34123-M5C-TR1 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123-M5C-TR5 CYMBET-CBC34123-M5C-TR5 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
More results

同様の説明 - CBC34123

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-38 CYMBET-DS-72-38 Datasheet
1Mb / 18P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9