データシートサーチシステム |
|
LMV321IDBVTG4 データシート(PDF) 6 Page - Texas Instruments |
|
LMV321IDBVTG4 データシート(HTML) 6 Page - Texas Instruments |
6 / 45 page LMV321 SINGLE, LMV358 DUAL LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN SLOS263U – AUGUST 1999 – REVISED JULY 2012 www.ti.com Electrical Characteristics VCC+ = 5 V, at specified free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS TA (1) MIN TYP(2) MAX UNIT 25°C 1.7 7 VIO Input offset voltage mV Full range 9 Average temperature αVIO coefficient of input offset 25°C 5 μV/°C voltage 25°C 15 250 IIB Input bias current nA Full range 500 25°C 5 50 IIO Input offset current nA Full range 150 Common-mode rejection CMRR VCM = 0 to 4 V 25°C 50 65 dB ratio Supply-voltage VCC = 2.7 V to 5 V, VO = 1 V, kSVR 25°C 50 60 dB rejection ratio VCM = 1 V 0 –0.2 Common-mode input VICR CMRR ≥ 50 dB 25°C V voltage range 4.2 4 25°C VCC – 300 VCC – 40 High level Full range VCC – 400 RL = 2 kΩ to 2.5 V 25°C 120 300 Low level Full range 400 VO Output swing mV 25°C VCC – 100 VCC – 10 High level Full range VCC – 200 RL = 10 kΩ to 2.5 V 25°C 65 180 Low level Full range 280 25°C 15 100 Large-signal differential AVD RL = 2 kΩ V/mV voltage gain Full range 10 Sourcing, VO = 0 V 5 60 Output short-circuit IOS 25°C mA current Sinking, VO = 5 V 10 160 25°C 130 250 LMV321I Full range 350 25°C 210 440 ICC Supply current LMV358I (both amplifiers) μA Full range 615 25°C 410 830 LMV324I/LMV324SI (all four amplifiers) Full range 1160 B1 Unity-gain bandwidth CL = 200 pF 25°C 1 MHz Φm Phase margin 25°C 60 deg Gm Gain margin 25°C 10 dB Equivalent input Vn f = 1 kHz 25°C 39 nV/ √Hz noise voltage Equivalent input In f = 1 kHz 25°C 0.21 pA/ √Hz noise current SR Slew rate 25°C 1 V/ μs (1) Full range TA = –40°C to 125°C for I temperature(LMV321, LMV358, LMV324), –40°C to 85°C for (LMV324S, LMV321IDCK) and –40°C to 125°C for Q temperature. (2) Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the application and configuration and may vary over time. Typical values are not ensured on production material. 6 Submit Documentation Feedback Copyright © 1999–2012, Texas Instruments Incorporated |
同様の部品番号 - LMV321IDBVTG4 |
|
同様の説明 - LMV321IDBVTG4 |