データシートサーチシステム |
|
ADC0809CCN データシート(PDF) 10 Page - Texas Instruments |
|
ADC0809CCN データシート(HTML) 10 Page - Texas Instruments |
10 / 19 page ADC0808-N, ADC0809-N SNAS535H – OCTOBER 1999 – REVISED MARCH 2013 www.ti.com APPLICATIONS INFORMATION OPERATION RATIOMETRIC CONVERSION The ADC0808, ADC0809 is designed as a complete Data Acquisition System (DAS) for ratiometric conversion systems. In ratiometric systems, the physical variable being measured is expressed as a percentage of full-scale which is not necessarily related to an absolute standard. The voltage input to the ADC0808 is expressed by the equation • VIN= Input voltage into the ADC0808 • Vfs= Full-scale voltage • VZ= Zero voltage • DX= Data point being measured • DMAX= Maximum data limit • DMIN= Minimum data limit (1) A good example of a ratiometric transducer is a potentiometer used as a position sensor. The position of the wiper is directly proportional to the output voltage which is a ratio of the full-scale voltage across it. Since the data is represented as a proportion of full-scale, reference requirements are greatly reduced, eliminating a large source of error and cost for many applications. A major advantage of the ADC0808, ADC0809 is that the input voltage range is equal to the supply range so the transducers can be connected directly across the supply and their outputs connected directly into the multiplexer inputs, (Figure 11). Ratiometric transducers such as potentiometers, strain gauges, thermistor bridges, pressure transducers, etc., are suitable for measuring proportional relationships; however, many types of measurements must be referred to an absolute standard such as voltage or current. This means a system reference must be used which relates the full-scale voltage to the standard volt. For example, if VCC=VREF=5.12V, then the full-scale range is divided into 256 standard steps. The smallest standard step is 1 LSB which is then 20 mV. RESISTOR LADDER LIMITATIONS The voltages from the resistor ladder are compared to the selected into 8 times in a conversion. These voltages are coupled to the comparator via an analog switch tree which is referenced to the supply. The voltages at the top, center and bottom of the ladder must be controlled to maintain proper operation. The top of the ladder, Ref(+), should not be more positive than the supply, and the bottom of the ladder, Ref( −), should not be more negative than ground. The center of the ladder voltage must also be near the center of the supply because the analog switch tree changes from N-channel switches to P-channel switches. These limitations are automatically satisfied in ratiometric systems and can be easily met in ground referenced systems. Figure 12 shows a ground referenced system with a separate supply and reference. In this system, the supply must be trimmed to match the reference voltage. For instance, if a 5.12V is used, the supply should be adjusted to the same voltage within 0.1V. Figure 11. Ratiometric Conversion System 10 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: ADC0808-N ADC0809-N |
同様の部品番号 - ADC0809CCN |
|
同様の説明 - ADC0809CCN |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |