データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM22670TJ-5.0 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM22670TJ-5.0
部品情報  LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM22670TJ-5.0 データシート(HTML) 11 Page - Texas Instruments

Back Button LM22670TJ-5.0 Datasheet HTML 7Page - Texas Instruments LM22670TJ-5.0 Datasheet HTML 8Page - Texas Instruments LM22670TJ-5.0 Datasheet HTML 9Page - Texas Instruments LM22670TJ-5.0 Datasheet HTML 10Page - Texas Instruments LM22670TJ-5.0 Datasheet HTML 11Page - Texas Instruments LM22670TJ-5.0 Datasheet HTML 12Page - Texas Instruments LM22670TJ-5.0 Datasheet HTML 13Page - Texas Instruments LM22670TJ-5.0 Datasheet HTML 14Page - Texas Instruments LM22670TJ-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LM22670
www.ti.com
SNVS584O – SEPTEMBER 2008 – REVISED MARCH 2013
Frequency synchronization requires some care. First the external clock frequency must be greater than the
internal clock frequency, and less than 1 MHz. The maximum internal switching frequency is ensured in the
Electrical Characteristics table. Note that the frequency adjust feature and the synchronization feature can not be
used simultaneously. The synchronizing frequency must always be greater than the internal clock frequency.
Secondly, the RT/SYNC pin must see a valid high or low voltage, during start-up, in order for the regulator to go
into the synchronizing mode (see above). Also, the amplitude of the synchronizing pulses must comport with
VSYNC levels found in the Electrical Characteristics table. The regulator will synchronize on the rising edge of the
external clock. If the external clock is lost during normal operation, the regulator will revert to the 500 kHz (typ.)
internal clock.
If the frequency synchronization feature is used, current limit foldback is not operational; see Current Limit for
details.
Figure 18. Switching Frequency vs RT/SYNC Resistor
Self Synchronization
It is possible to synchronize multiple LM22670 regulators together to share the same switching frequency. This
can be done by tieing the RT/SYNC pins together through a MOSFET and connecting a 1 K
Ω resistor to ground
at each pin. Figure 19 shows this connection. The gate of the MOSFET should be connected to the regulator
with the highest output voltage. Also, the EN pins of both regulators should be tied to the common system
enable, in order to properly initialize both regulators. The operation is as follows: When the regulators are
enabled, the outputs are low and the MOSFET is off. The 1 k
Ω resistors pull the RT/SYNC pins low, thus
enabling the synchronization mode. These resistors are small enough to pull the RT/SYNC pin low, rather than
activate the frequency adjust mode. Once the output voltage of one of the regulators is sufficient to turn on the
MOSFET, the two RT/SYNC pins are tied together and the regulators will run in synchronized mode. The two
regulators will be clocked at the same frequency but slightly phase shifted according to the minimum off-time of
the regulator with the fastest internal oscillator. The slight phase shift helps to reduce stress on the input
capacitors of the regulator. It is important to choose a MOSFET with a low gate threshold voltage so that the
MOSFET will be fully enhanced. Also, a MOSFET with low inter-electrode capacitance is required. The 2N7002
is a good choice.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM22670


同様の部品番号 - LM22670TJ-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM22670TJ-5.0 NSC-LM22670TJ-5.0 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670TJ-5.0/NOPB TI1-LM22670TJ-5.0/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM22670TJ-5.0/NOPB TI1-LM22670TJ-5.0/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
More results

同様の説明 - LM22670TJ-5.0

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com