データシートサーチシステム |
|
LM2904ITPX データシート(PDF) 6 Page - Texas Instruments |
|
LM2904ITPX データシート(HTML) 6 Page - Texas Instruments |
6 / 33 page LM158-N, LM258-N, LM2904-N, LM358-N SNOSBT3H – JANUARY 2000 – REVISED MARCH 2013 www.ti.com ELECTRICAL CHARACTERISTICS (continued) V + = +5.0V, See(1), unless otherwise stated LM158A LM358A LM158/LM258 Units Parameter Conditions Min Typ Max Min Typ Max Min Typ Max Output Current Source VIN + = +1V, V IN − = 0V, 10 20 10 20 10 20 mA V+ = 15V, VO = 2V Sink VIN − = +1V, V IN + = 0V, 10 15 5 8 5 8 mA V+ = 15V, VO = 2V ELECTRICAL CHARACTERISTICS V + = +5.0V, See(1), unless otherwise stated LM358 LM2904 Units Parameter Conditions Min Typ Max Min Typ Max Large Signal Voltage V+ = 15V, TA = 25°C, Gain RL ≥ 2 kΩ, (For VO = 1V to 11V) 25 100 25 100 V/mV Common-Mode TA = 25°C, 65 85 50 70 dB Rejection Ratio VCM = 0V to V +−1.5V Power Supply V+ = 5V to 30V 65 100 50 100 dB Rejection Ratio (LM2904, V+ = 5V to 26V), TA = 25°C Amplifier-to-Amplifier Coupling f = 1 kHz to 20 kHz, TA = 25°C −120 −120 dB (Input Referred), See(2) Output Current Source VIN + = 1V, VIN − = 0V, 20 40 20 40 mA V+ = 15V, VO = 2V, TA = 25°C Sink VIN − = 1V, V IN + = 0V V+ = 15V, TA = 25°C, 10 20 10 20 mA VO = 2V VIN − = 1V, VIN + = 0V 12 50 12 50 μA TA = 25°C, VO = 200 mV, V+ = 15V Short Circuit to Ground TA = 25°C, See (3), V+ = 15V 40 60 40 60 mA Input Offset Voltage See(4) 9 10 mV Input Offset Voltage Drift RS = 0Ω 7 7 μV/°C Input Offset Current IIN(+) − IIN(−) 150 45 200 nA Input Offset Current Drift RS = 0Ω 10 10 pA/°C Input Bias Current IIN(+) or IIN(−) 40 500 40 500 nA Input Common-Mode V+ = 30 V, See(5) (LM2904, V+ = 26V) 0 V+ −2 0 V+ −2 V Voltage Range (1) These specifications are limited to −55°C ≤ TA ≤ +125°C for the LM158/LM158A. With the LM258/LM258A, all temperature specifications are limited to −25°C ≤ TA ≤ +85°C, the LM358/LM358A temperature specifications are limited to 0°C ≤ TA ≤ +70°C, and the LM2904 specifications are limited to −40°C ≤ TA ≤ +85°C. (2) Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of capacitance increases at higher frequencies. (3) Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers. (4) VO ≃ 1.4V, RS = 0Ω with V + from 5V to 30V; and over the full input common-mode range (0V to V+ −1.5V) at 25°C. For LM2904, V+ from 5V to 26V. (5) The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The upper end of the common-mode voltage range is V+ −1.5V (at 25°C), but either or both inputs can go to +32V without damage (+26V for LM2904), independent of the magnitude of V+. 6 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM158-N LM258-N LM2904-N LM358-N |
同様の部品番号 - LM2904ITPX |
|
同様の説明 - LM2904ITPX |